전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH63FCA-R

  • AI
    The **MAH63FCA-R** is a high-performance rotary encoder typically used in industrial automation, servo motors, and precision motion control systems. It is part of a series often associated with brands like **Tamagawa Seiki** or similar high-end motion control manufacturers. --- ### Technical Specifications Overview | Parameter | Specification Details | | :--- | :--- | | **Encoder Type** | Absolute Rotary Encoder | | **Resolution** | 17-bit to 23-bit (Depending on specific sub-model) | | **Communication Interface** | Serial Data (RS485 based, such as EnDat, BiSS, or proprietary) | | **Mechanical Mounting** | Hollow Shaft (Tapered or Blind) | | **Outer Diameter** | Approximately 63mm | | **Supply Voltage** | 5V DC ± 5% | --- ### Key Electronic Components & Subsystems The internal circuitry of the MAH63FCA-R consists of several critical electronic blocks: #### 1. Optical/Magnetic Sensing Disk The "heart" of the device. If optical, it contains a high-precision glass disk with etched patterns. If magnetic, it uses a magnetized wheel. The pattern represents unique positions (Absolute encoding), meaning the encoder knows its exact position even after a power cycle. #### 2. ASIC (Application Specific Integrated Circuit) The MAH series utilizes a custom ASIC to: * Process raw analog signals from the photodiodes/sensors. * Perform high-speed interpolation to achieve high resolution (e.g., 131,072 pulses per revolution). * Convert signals into a digital serial protocol. #### 3. Line Driver (RS-485/Differential) To ensure noise immunity in industrial environments, the encoder uses differential signaling. This electronic stage ensures that data can be transmitted over long cables without being corrupted by Electromagnetic Interference (EMI) from nearby motors. #### 4. Battery Backup Circuit (Optional) In many "FCA" variants, there is a connection for an external battery. This allows the electronic counter to keep track of **Multi-turn** data (how many full 360° rotations have occurred) even when the main machine power is turned off. --- ### Pinout and Connectivity Typical Layout *Standard interfaces for these encoders usually involve a 7-pin to 10-pin arrangement:* 1. **Vcc (5V):** Main logic power. 2. **GND (0V):** Ground reference. 3. **Data+ / Data-:** Differential serial communication lines. 4. **Batch+ / Batch-:** Battery power for memory retention. 5. **Shield:** Case ground for noise reduction. --- ### Common Applications * **Servo Motors:** Used as the feedback loop for AC brushless motors. * **Robotic Arms:** Provides precise joint angle measurements. * **CNC Machinery:** Ensures the tool head is at the exact coordinate required.
    ✨ Follow-up Questions
    • ⤷ What are the compatible serial protocols for the MAH63FCA-R?
    • ⤷ How do I troubleshoot a 'Communication Error' on this encoder?
    • ⤷ What is the difference between the 'FCA' and 'FCB' variants in this series?