전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH72TAG-R

  • AI
    The **MAH72TAG-R** is a specialized high-performance memory module, typically categorized as a **VLP (Very Low Profile) Registered DIMM**. It is primarily used in networking equipment, blade servers, and high-density computing environments where vertical space is extremely limited. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | DDR3 SDRAM | | **Form Factor** | VLP RDIMM (Very Low Profile Registered DIMM) | | **Capacity** | 2GB / 4GB (Varies by specific revision) | | **Speed** | 1333 MT/s (PC3-10600) | | **Voltage** | 1.5V / 1.35V (Dual Voltage support) | | **Error Correction** | ECC (Error-Correcting Code) | | **Rank** | 1Rx8 (Single Rank) | --- ### 2. Core Electronic Components The module is composed of several critical integrated circuits (ICs) and discrete components: #### A. DRAM Chips (SDRAM) These are the storage cells. In a 1Rx8 configuration, there are usually 9 memory chips (8 for data, 1 for ECC). These chips use double data rate architecture to transfer data on both the rising and falling edges of the clock signal. #### B. Registering Clock Driver (RCD) The "R" in RDIMM stands for **Registered**. This chip acts as a buffer between the memory controller and the DRAM chips. * **Function:** It re-drives the control and address signals. * **Benefit:** Reduces the electrical load on the system memory controller, allowing for higher stability and the ability to populate more memory slots. #### C. SPD (Serial Presence Detect) EEPROM A small non-volatile memory chip that stores information about the module's timings, voltage, and manufacturer data. The motherboard BIOS/UEFI reads this via the I2C bus to configure the system correctly. #### D. Decoupling Capacitors Small surface-mount devices (SMD) scattered across the PCB. They filter out electrical noise and stabilize the voltage supplied to the high-speed DRAM chips. --- ### 3. Physical Design: VLP (Very Low Profile) The "VLP" designation is the most distinct physical feature. * **Height:** Usually around **18.75 mm**, compared to the standard 30 mm of a regular DIMM. * **Application:** This allows for better airflow in 1U rack servers and prevents physical interference with CPU heatsinks in tight enclosures. --- ### 4. Environmental & Reliability Features * **ECC Support:** Detects and corrects single-bit memory errors, preventing system crashes in enterprise environments. * **Thermal Sensors:** Often includes an integrated digital thermal sensor to monitor the module's temperature during heavy workloads.
    ✨ Follow-up Questions
    • ⤷What is the difference between VLP and standard DIMM form factors in terms of thermal management?
    • ⤷ Can this module be used in a standard consumer desktop motherboard?
    • ⤷ How does the Registered (Buffered) clock driver affect latency?