전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH73FAX-R

  • AI
    The **MAH73FAX-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like **Hongfa**. These components are widely used in industrial control systems, automotive electronics, and home appliances for switching high-current loads with a low-power signal. --- ### 1. Technical Specifications The "MAH7" series generally follows a standardized set of electrical characteristics. Below are the typical parameters for this specific part: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Coil Voltage** | 12VDC or 24VDC (Varies by sub-model) | | **Max Switching Current** | Up to 20A - 30A (Application dependent) | | **Contact Material** | Silver Alloy (AgSnO₂ or AgNi) | | **Mounting Type** | PCB (Printed Circuit Board) / Through-hole | | **Ambient Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the suffixing usually indicates specific build features: * **MAH7:** The series designation (High power miniature relay). * **3:** Often refers to the contact rating or specific internal structural iteration. * **F:** Usually indicates **Class F** insulation (capable of withstanding higher temperatures, up to 155°C). * **A:** Typically denotes the contact form (**Form A** - Normally Open). * **X:** May refer to a specific wash-tight or sealed plastic cover. * **R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances). --- ### 3. Key Electronic Features * **High Inrush Current Capability:** Designed to handle the initial surge of power when motors or lamps are turned on. * **Compact Footprint:** Offers a high switching capacity relative to its small physical size, saving PCB space. * **Galvanic Isolation:** Provides complete electrical separation between the control circuit (the coil) and the load circuit (the contacts). * **Durability:** Usually rated for over 100,000 electrical operations at full load. --- ### 4. Common Applications 1. **Automotive:** Power windows, central locking, and seat adjustment motors. 2. **HVAC:** Controlling compressors or fan motors in air conditioning units. 3. **Smart Home:** Smart plugs and high-power lighting controllers. 4. **Industrial:** PLC (Programmable Logic Controller) output modules. ---
    ✨ Follow-up Questions
    • ⤷What is the exact coil voltage requirement for the MAH73FAX-R?
    • ⤷ Can this relay be used for AC load switching
    • ⤷ and what are the limits?
    • ⤷ What are the physical dimensions and pinout configuration for this model?