전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH73FBG-R

  • AI
    The **MAH73FBG-R** is a high-performance, magnetic Hall-effect current sensor, typically manufactured by companies like **MultiDimension Technology (MDT)**. It belongs to the Anisotropic Magnetoresistive (AMR) sensor family, designed for non-contact, high-precision current measurement. --- ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the MAH73FBG-R: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Technology** | TMR/AMR (Magnetic) | - | | **Supply Voltage ($V_{cc}$)** | 4.5 to 5.5 | Volts (V) | | **Current Range** | Configurable (e.g., ±50A to ±150A) | Amps (A) | | **Output Type** | Ratiometric Analog | - | | **Bandwidth** | 100 - 200 | kHz | | **Isolation Voltage** | > 2.5 | kV | | **Package Style** | SOIC-8 or similar Surface Mount | - | --- ### 2. Key Internal Components The MAH73FBG-R functions through a combination of several electronic subsystems: * **Sensing Element:** A highly sensitive magnetic bridge that detects the magnetic field generated by current flowing through a primary conductor. * **Signal Conditioning ASIC:** An application-specific integrated circuit that amplifies the micro-volt signals from the bridge into a usable analog voltage. * **Temperature Compensation:** Internal circuitry that adjusts the output to remain stable even as the sensor heats up during high-load operation. * **Galvanic Isolation:** The internal architecture ensures there is no electrical connection between the high-current path and the low-voltage sensor output, protecting the microcontroller. --- ### 3. Application Use Cases This specific part is widely used in power electronics where efficiency and space-saving are critical: 1. **Inverters:** Monitoring current in solar inverters or motor drives. 2. **Battery Management Systems (BMS):** Tracking charge and discharge cycles in electric vehicles or UPS systems. 3. **Overcurrent Protection:** Rapidly detecting short circuits to prevent hardware damage. 4. **Switched-Mode Power Supplies (SMPS):** Providing feedback loops for DC-DC converters. --- ### 4. Sample Integration Logic To read data from the MAH73FBG-R using an Arduino or Microcontroller, you can use the following logic: ```cpp // Basic analog read for MAH73FBG-R const int sensorPin = A0; float vcc = 5.0; // Supply voltage float sensitivity = 0.040; // Example: 40mV per Amp void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(sensorPin); float voltage = (rawValue / 1024.0) * vcc; // Calculate current based on 2.5V (Vcc/2) zero-current offset float current = (voltage - (vcc / 2.0)) / sensitivity; Serial.print("Current (A): "); Serial.println(current); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact sensitivity (mV/A) for the MAH73FBG-R variant?
    • ⤷ How does AMR technology compare to standard Hall-effect sensors in terms of accuracy?
    • ⤷ What are the thermal limits for this sensor in industrial environments?