전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH73FBX-R

  • AI
    The **MAH73FBX-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically categorized under high-performance industrial or automotive cooling solutions. These motors are often used in high-density server cooling, telecommunications, and industrial automation. --- ### 1. Key Technical Specifications Based on the standard parameters for the MAH73 series, here are the primary electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Voltage Range** | 12V - 48V DC | Depending on the specific sub-variant (check label). | | **Motor Type** | Brushless DC (BLDC) | Uses electronic commutation instead of carbon brushes. | | **Bearing Type** | Dual Ball Bearing | Ensures long life (MTBF) and high-temperature stability. | | **Control Signal** | PWM (Pulse Width Modulation) | Allows for precise speed control. | | **Safety Features** | Locked Rotor Protection | Prevents circuit burnout if the fan is physically blocked. | --- ### 2. Core Electronic Components The internal PCB of the MAH73FBX-R consists of several critical electronic sections: #### A. Integrated Circuit (IC) Controller The "brain" of the motor. It detects the position of the rotor and manages the switching of current to the stator windings. It often includes: * **Hall Effect Sensor:** Senses the magnetic field to determine the rotor's timing. * **Soft Start Logic:** Gradually increases power to prevent current spikes during power-on. #### B. MOSFET H-Bridge Since BLDC motors operate on multi-phase AC internally, the electronic circuit uses **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors) to switch the DC input into a rotating magnetic field. #### C. Filtering and Protection * **Capacitors:** Used for EMI (Electromagnetic Interference) filtering and smoothing the voltage supply. * **Diodes:** Provide reverse polarity protection to prevent damage if the (+) and (-) wires are swapped. --- ### 3. Wiring Configuration (Pinout) The "FBX" suffix often indicates a 4-wire configuration: 1. **Red (+):** Positive Power Supply. 2. **Black (-):** Ground. 3. **Yellow (Tachometer):** Output signal that sends pulses to the controller to monitor RPM. 4. **Blue (PWM):** Input signal that tells the motor how fast to spin based on duty cycle. --- ### 4. Performance Applications * **Server Cooling:** High static pressure to push air through dense heat sinks. * **Industrial Power Supplies:** Constant cooling for high-wattage converters. * **Networking Equipment:** High reliability for 24/7 operation.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the 'FBX-R' variant?
    • ⤷ How do I interpret the Tachometer signal from this motor?
    • ⤷ What are the common failure modes of BLDC motor controllers?