전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH73FCG-R

  • AI
    The **MAH73FCG-R** is a specific model of a **Brushless DC (BLDC) Fan**, typically manufactured by companies like **Nidec** or similar cooling solution providers. It is commonly utilized in high-density server environments, telecommunications equipment, and industrial power supplies where high static pressure and reliability are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and physical characteristics of the MAH73FCG-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 12V DC | | **Operating Voltage Range** | 7V to 13.8V DC | | **Current Consumption** | High Amperage (typically 1.5A to 3.0A range) | | **Speed (RPM)** | Ultra-high speed (often 10,000+ RPM) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Termination** | 4-Wire (PWM Control + Tachometer Output) | | **Frame Size** | 70mm x 70mm x 38mm (Approx) | --- ### 2. Internal Electronic Components The "brains" of the MAH73FCG-R consist of several integrated electronic parts that allow it to operate efficiently: #### A. Brushless Motor Controller (IC) Unlike brushed motors, this fan uses an integrated circuit (IC) to switch the electromagnetic coils. It uses **Hall Effect Sensors** to detect the position of the rotor's permanent magnets, ensuring the timing of the phase switching is perfect. #### B. PWM (Pulse Width Modulation) Circuitry As a 4-wire fan, it contains a dedicated control circuit that accepts a PWM signal (usually 25kHz). This allows the system (motherboard or server controller) to adjust the fan speed from 0% to 100% duty cycle without changing the input voltage. #### C. Tachometer (FG Signal) The "FCG" suffix often refers to the **Frequency Generator** or Tachometer output. This part of the circuit sends a square wave signal back to the controller, allowing the system to monitor the actual RPM and detect if the fan has stalled or failed. #### D. Protection Circuits * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped. --- ### 3. Wire Configuration (Pinout) The MAH73FCG-R usually follows the standard industrial 4-wire color coding: 1. **Black (GND):** Negative power return. 2. **Red (VCC):** +12V Power supply. 3. **Yellow/White (FG):** Tachometer output (Speed signal). 4. **Blue (PWM):** Speed control input. --- ### 4. Application Context Due to its high power draw and high RPM, this fan is **not** intended for consumer PCs (desktops) as it is extremely loud. Its electronic design is optimized for **24/7 continuous operation** in high-backpressure environments like server racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact airflow (CFM) rating for the MAH73FCG-R?
    • ⤷ How do I wire this fan to a standard 3-pin motherboard header?
    • ⤷ What are the common failure modes for dual ball bearing fans?