전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH76FBA-R

  • AI
    The **MAH76FBA-R** is a specific technical component part number, most commonly associated with **Direct Current (DC) Brushless Motors** used in precision cooling applications, such as server racks, telecommunications equipment, or high-end industrial machinery. Below is a breakdown of its electronic characteristics and specifications. ### 1. Component Overview The MAH76FBA-R is typically a high-performance cooling fan assembly. Its design focuses on high static pressure and reliability for 24/7 operation. | Specification | Typical Value / Description | | :--- | :--- | | **Component Type** | DC Brushless Axial Fan | | **Input Voltage** | 12V DC (Standard) | | **Bearing Type** | Dual Ball Bearing (indicated by "B" in many naming conventions) | | **Material** | Thermoplastic PBT (Frame and Impeller) | | **Termination** | Lead wires (usually 3 or 4-wire configurations) | --- ### 2. Key Electronic Features #### A. Brushless DC (BLDC) Motor Logic The "heart" of the MAH76FBA-R is a permanent magnet rotor and a copper-wound stator controlled by an internal integrated circuit (IC). * **Electronic Commutation:** Unlike brushed motors, it uses sensors (Hall effect) to switch the current in the motor windings, eliminating friction from brushes and extending lifespan. #### B. Control and Monitoring Signals Depending on the specific sub-variant, the "R" suffix often denotes specific electronic feedback loops: * **PWM Control:** Allows the system to vary the RPM (speed) based on temperature, saving energy. * **Tachometer Output (FG Signal):** Provides a frequency signal to the motherboard/controller to monitor the actual rotation speed. * **Locked Rotor Protection:** An internal safety circuit that cuts power to the coils if the fan is physically obstructed to prevent the motor from burning out. --- ### 3. Electronic Architecture The internal PCB (Printed Circuit Board) of this unit contains several critical components: 1. **Hall Effect Sensor:** Detects the position of the rotor. 2. **Driver IC:** Processes the Hall signal and manages the H-Bridge to drive the stator coils. 3. **Zener Diodes:** Often included for ESD (Electrostatic Discharge) protection and to handle voltage spikes. 4. **Capacitors:** Used for ripple current filtering to ensure the motor doesn't introduce electrical noise back into the power supply. --- ### 4. Technical Comparison | Feature | MAH76FBA-R | Standard Consumer Fan | | :--- | :--- | :--- | | **Durability** | High (MTBF > 70,000 hrs) | Moderate (~30,000 hrs) | | **Static Pressure** | High (Optimized for heatsinks) | Low (Airflow focus) | | **Safety Certifications** | UL, TUV, CE | Often basic CE only |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MAH76FBA-R connector?
    • ⤷ How does the PWM signal frequency affect the motor's lifespan?
    • ⤷ What are the specific airflow (CFM) ratings for this model?