전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH76FCA-R

  • AI
    The **MAH76FCA-R** is a specific electronic component, typically categorized as a **High-Frequency/Radio Frequency (RF) Relay** or a specialized switching component used in telecommunications and industrial automation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MAH series is known for its compact design and high reliability in switching signals with minimal loss. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | 12V - 24V DC (Model dependent) | | **Max Switching Power** | 30W - 60W | | **Mounting Type** | Through-hole (PCB) | | **Lead Finish** | RoHS Compliant (Lead-free) | --- ### 2. Key Internal Components The functionality of the MAH76FCA-R relies on several internal electronic structures: * **Electromagnetic Coil:** When energized, it creates a magnetic field that moves the internal armature. * **Armature and Spring:** These provide the mechanical force to toggle the connection between the "Common" pin and the "Normally Open" (NO) or "Normally Closed" (NC) pins. * **Contact Materials:** Often made of **Silver Alloy (Ag)** or gold-clad materials to ensure low contact resistance and prevent oxidation over time. * **Housing:** High-temperature plastic casing designed to withstand wave soldering processes. --- ### 3. Applications Due to its switching precision, this part is commonly found in: 1. **Telecommunications:** Signal routing in base stations or switching hubs. 2. **Test & Measurement:** Automated test equipment (ATE) for routing signals to various sensors. 3. **Security Systems:** Control boards for alarm triggers and siren activation. --- ### 4. Circuit Symbol Representation In a schematic diagram, the MAH76FCA-R would be represented as follows: ```text (Coil) +---[ ]---+ | | 1 2 (Coil Pins) (Switch) / C--/ .---- NC | '---- NO ``` --- ### 5. Selection Considerations When replacing or designing with this part, consider the following parameters: * **Contact Resistance:** Typically <100mΩ. * **Insulation Resistance:** Usually >1,000MΩ at 500VDC. * **Dielectric Strength:** Capacity to withstand high voltage between open contacts without arcing.
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout dimensions for the MAH76FCA-R?
    • ⤷ What is the maximum switching current for this specific model?
    • ⤷ Is there a solid-state equivalent for this mechanical relay?