MB10F
AI

## MB10F Bridge Rectifier Overview
The **MB10F** is a surface-mount, miniature single-phase bridge rectifier. It is widely used in electronic circuits to convert Alternating Current (AC) into Direct Current (DC). Due to its compact **MBF** package, it is a standard component in modern power adapters and LED drivers.
---
### Technical Specifications
The following table outlines the key electrical characteristics of the MB10F:
| Characteristic | Parameter | Typical Value |
| :--- | :--- | :--- |
| **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 1000 V |
| **RMS Reverse Voltage** | $V_{RMS}$ | 700 V |
| **Average Rectified Output Current** | $I_{O}$ | 0.5A - 1.0A (dependant on mounting) |
| **Peak Forward Surge Current** | $I_{FSM}$ | 30 A (8.3ms single half sine-wave) |
| **Forward Voltage Drop** | $V_{F}$ | 1.0 V - 1.1 V (per element) |
| **Reverse Leakage Current** | $I_{R}$ | 5 µA |
| **Operating Temperature Range** | $T_{J}$ | -55 to +150 °C |
---
### Internal Structure and Pinout
The MB10F consists of four silicon diodes arranged in a bridge configuration inside a single 4-pin package.
1. **AC Pins (~):** Two pins used for the input AC voltage.
2. **Positive Pin (+):** The rectified DC output (High).
3. **Negative Pin (-):** The rectified DC output (Ground/Return).
---
### Key Features
* **Space Saving:** The MBF package has a very low profile, making it ideal for slim electronic designs.
* **High Voltage Rating:** With a 1000V rating, it can safely handle standard mains voltages (110V/220V) with significant overhead.
* **Glass Passivated Junction:** Enhances reliability and stability under high-temperature conditions.
* **Surface Mount Technology (SMT):** Compatible with automated pick-and-place assembly.
---
### Common Applications
* **AC/DC Power Adapters:** Chargers for smartphones, tablets, and laptops.
* **LED Lighting:** Used in LED bulb drivers to convert mains AC to DC for the LEDs.
* **Small Appliances:** Power supplies for toasters, clocks, and home automation sensors.
* **Battery Chargers:** Initial rectification stage for charging circuits.
- ⤷What is the difference between MB10F and MB10S packages?
- ⤷ How does thermal management affect the current rating of the MB10F?
- ⤷ Can the MB10F be used in a 240V AC to 12V DC converter circuit?