전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MBR10100DC-R

  • AI
    ## Technical Overview: MBR10100DC-R The **MBR10100DC-R** is a high-performance **Schottky Barrier Rectifier** diode. It is primarily used for rectification, freewheeling, and polarity protection in power supply circuits. Schottky diodes are preferred in high-speed applications due to their low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications Below are the critical electrical parameters for the MBR10100DC-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 100 | Volts (V) | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 10 (Total) | Amperes (A) | | **Forward Voltage Drop** (at 5A, $T_j=25^\circ C$) | $V_F$ | ~0.85 | Volts (V) | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 120 | Amperes (A) | | **Operating Junction Temperature** | $T_j$ | -55 to +150 | $^\circ C$ | --- ### 2. Internal Configuration and Package The "DC" in the part number often signifies a **Dual Common Cathode** configuration. * **Pinout:** It typically features three terminals in a **TO-263 (D2PAK)** or **TO-220** package. * **Structure:** Two internal diodes share a single cathode (usually the center pin and the mounting tab), while the two outer pins are the individual anodes. * **Benefit:** This allows for full-wave rectification or parallel operation to handle higher currents with a smaller footprint. --- ### 3. Core Features * **Guard Ring Die Construction:** Provides transient protection and high reliability against "hot spots" on the silicon. * **Low Power Loss:** High efficiency due to the low forward voltage ($V_F$), reducing heat dissipation requirements. * **High Surge Capacity:** Capable of handling sudden spikes in current without failing. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental standards (Restriction of Hazardous Substances). --- ### 4. Common Applications The MBR10100DC-R is commonly found in the following electronic systems: 1. **Switching Mode Power Supplies (SMPS):** Used on the output stage to convert AC high-frequency signals to DC. 2. **DC-DC Converters:** Acts as a catch diode or freewheeling diode. 3. **Solar Panels:** Used as a blocking diode to prevent reverse current flow at night. 4. **Battery Chargers:** Provides polarity protection to prevent damage if the battery is connected backward. --- ### 5. Circuit Symbol (Example) In a schematic, the dual diode is represented as follows: ```text Anode 1 (Pin 1) ----|>|----| |---- Cathode (Pin 2 / Tab) Anode 2 (Pin 3) ----|>|----| ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode and a standard PN junction diode in power supplies?
    • ⤷ How does the 'Common Cathode' configuration simplify PCB design?
    • ⤷ What heat sinking requirements are typical for a 10A current load on this device?