전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MBR1060CL-TQ2-R

  • AI
    ## Technical Overview: MBR1060CL-TQ2-R The **MBR1060CL-TQ2-R** is a specific variant of a **Schottky Barrier Rectifier**. It is widely used in power management circuits due to its low forward voltage drop and high switching speed. ### 1. Key Technical Specifications Below are the primary electrical characteristics for this component: | Parameter | Description | Typical Value | |:---|:---|:---| | **Device Type** | Schottky Barrier Diode | Rectifier | | **Forward Current ($I_{F}$)** | Continuous average forward current | 10A | | **Reverse Voltage ($V_{RRM}$)** | Peak repetitive reverse voltage | 60V | | **Forward Voltage ($V_F$)** | Voltage drop at rated current | ~0.55V - 0.70V | | **Package Type** | Surface Mount Device | TO-263 (D2PAK) | | **Operating Temp** | Junction temperature range | -55°C to +150°C | --- ### 2. Part Number Breakdown Understanding the suffix and prefix helps identify the specific physical and chemical properties: * **MBR**: Industry standard prefix for Schottky Barrier Rectifiers. * **1060**: Indicates **10 Amps** current rating and **60 Volts** reverse voltage. * **CL**: Often denotes "Low Forward Voltage" (Low $V_F$) or specific leakage current characteristics. * **TQ2**: Refers to the **TO-263** (D2PAK) package style. * **R**: Indicates **Tape & Reel** packaging for automated SMT assembly. --- ### 3. Features and Benefits * **Low Power Loss:** The low forward voltage drop minimizes heat generation, increasing overall system efficiency. * **High Speed:** Schottky diodes have negligible reverse recovery time, making them ideal for high-frequency switching. * **Guard Ring Protection:** Most MBR series diodes include a guard ring for stress protection and improved reliability against transients. --- ### 4. Common Applications The MBR1060CL is typically found in the following electronic environments: 1. **Switching Power Supplies (SMPS):** Used as output rectifiers for DC-DC converters. 2. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor drivers. 3. **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backwards. 4. **Solar Panels:** Used as "blocking diodes" to prevent battery discharge through the panels at night. --- ### 5. Symbol and Connection In a circuit schematic, it is represented by the standard Schottky symbol: ```text Anode Cathode (Pin 1) (Pin 2/Tab) | _|_ | |---|>|---| | ``` *Note: In the TO-263 package, the center lead is usually truncated, and the large metal tab acts as the Cathode and primary heat sink.*
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard rectifier and this Schottky version?
    • ⤷ How should I design the PCB footprint for the TO-263 package to manage heat?
    • ⤷ Can I use two MBR1060CL diodes in parallel to achieve 20A?