전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MBR145L-Z41-R

  • AI
    The **MBR145L-Z41-R** is a high-performance **Schottky Barrier Rectifier** diode. It is specifically designed for low-voltage, high-frequency rectification and freewheeling applications where power efficiency and space-saving are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Device Type** | Schottky Diode | Low forward voltage drop, fast switching | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 45 V | Maximum voltage the diode can withstand in reverse | | **Max Average Forward Current ($I_{F(AV)}$)** | 1.0 A | Continuous current rating | | **Max Forward Voltage Drop ($V_F$)** | ~0.45 V - 0.55 V | Depends on operating current and temperature | | **Reverse Recovery Time ($t_{rr}$)** | Negligible | Schottky diodes have no storage charge | | **Package Type** | SOD-123 / SOD-123FL | Surface Mount Device (SMD) | --- ### 2. Physical and Material Features * **Low Forward Voltage:** The "L" in the part number often signifies "Low $V_F$," which reduces power dissipation (heat) and increases battery life in portable electronics. * **Guard Ring Protection:** Most MBR series diodes feature a guard ring for stress protection and high reliability. * **Package Characteristics:** The Z41-R suffix typically refers to specific taping and reeling specifications for automated pick-and-place assembly machines. * **Lead-Free / RoHS Compliant:** Designed to meet modern environmental standards. --- ### 3. Common Applications Due to its small footprint and high efficiency, the MBR145L-Z41-R is commonly found in: 1. **DC-DC Converters:** Used as a catch diode in buck or boost regulators. 2. **Reverse Polarity Protection:** Protecting sensitive circuits if batteries are inserted incorrectly. 3. **Battery Charging:** Preventing back-current from the battery into the charger circuit. 4. **Freewheeling Diode:** Suppressing voltage spikes in inductive loads (relays, motors). --- ### 4. Code Representation (Example Circuit Context) If you were simulating this diode in a basic SPICE environment, the model definition might look like this: ```spice * Example SPICE Model for a 1A 45V Schottky .MODEL MBR145L D(Is=1u Rs=0.1 N=1.05 Cjo=100p M=0.333 Vj=0.6 Fc=0.5 Bv=45 Ibv=1m) ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations when using the MBR145L in a compact PCB design?
    • ⤷ How does the forward voltage drop change with operating temperature for this diode?
    • ⤷ What is the specific difference between the SOD-123 and SOD-123FL packages?