전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MC0872A-R30M

  • AI
    ## Technical Overview: MC0872A-R30M The **MC0872A-R30M** is a high-current, surface-mount (SMD) **Power Inductor**. It is part of a series typically designed for high-density power applications where efficiency and thermal stability are critical. --- ### 1. Key Technical Specifications Based on standard nomenclature for this component type, here are the primary specifications: | Parameter | Value / Specification | |:---|:---| | **Inductance** | 0.30 µH (indicated by "R30") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | Approximately 8.0 x 7.0 mm (indicated by "0872") | | **Technology** | Molded Power Inductor (Metal Alloy Powder) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical and Material Composition This component belongs to the "molded" inductor family, which offers several advantages over traditional wire-wound ferrite inductors: * **Core Material:** Uses a metal alloy powder core. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off abruptly when current increases. * **Construction:** The copper coil is placed inside a mold, and the metal powder is pressed around it. This results in a shielded construction that minimizes **Electromagnetic Interference (EMI)**. * **Acoustic Noise:** The molded structure reduces mechanical vibration, significantly lowering "buzzing" sounds caused by magnetostriction. --- ### 3. Electronic Performance Characteristics #### High Current Handling Because of the low inductance (0.30 µH) and the metal alloy core, this part is designed to handle high **Saturation Currents (Isat)** and **Heating Currents (Irms)**, often exceeding 20A-30A depending on the specific manufacturer's thermal rating. #### Low DCR (DC Resistance) The "0872" size allows for a thicker internal copper wire, resulting in very low DC resistance. This minimizes power loss (I²R loss) and prevents the component from overheating during operation. --- ### 4. Common Applications The MC0872A-R30M is typically found in high-performance power stages: * **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power supplies on motherboards. * **DC-DC Converters:** Point-of-Load (POL) converters for telecommunications. * **Battery Powered Systems:** Where high efficiency is needed to extend battery life. * **Automotive Electronics:** Infotainment and ADAS systems requiring stable power under temperature fluctuations. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for this specific inductor?
    • ⤷ How does the 'soft saturation' of a metal alloy inductor compare to a ferrite core?
    • ⤷ What are the recommended footprint dimensions for soldering this part to a PCB?