MC1040-R68M1
AI

The **MC1040-R68M1** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of molded power inductors designed for high efficiency and compact footprints.
---
### 1. Technical Specifications
The part number follows a standard nomenclature for electronic components. Here are the primary technical characteristics:
| Property | Value / Description |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by the 'M' suffix) |
| **Case Size** | 1040 (approx. 10mm x 10mm x 4mm) |
| **Core Material** | Metal Alloy / Carbonyl Powder (Molded) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
### 2. Breakdown of the Part Number
* **MC**: Often refers to the series (Molded Chip or Manufacturer specific code).
* **1040**: Dimensions. The "10" usually refers to a 10mm length/width, and "40" refers to a 4.0mm height profile.
* **R68**: The Inductance value. The 'R' acts as a decimal point ($0.68$).
* **M**: The tolerance code ($M = \pm20\%$).
---
### 3. Key Features & Construction
* **Molded Construction:** Unlike traditional wire-wound inductors with an open core, these are pressed from metallic powder. This eliminates "acoustic noise" (buzzing) and provides superior structural integrity.
* **High Saturation Current ($I_{sat}$):** Because of the iron powder core, the inductor can handle high peak currents without the inductance dropping sharply.
* **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss through heat, making it ideal for high-efficiency power supplies.
* **Low EMI:** The molded body acts as a natural magnetic shield, reducing electromagnetic interference with surrounding components.
---
### 4. Common Applications
These inductors are typically found in power management stages for:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards.
2. **DC-DC Converters:** Buck, Boost, or Buck-Boost converters in automotive and industrial electronics.
3. **Battery Powered Devices:** High-efficiency handheld electronics where space and thermal management are critical.
---
- ⤷What is the maximum current rating (Irms) for the MC1040-R68M1?
- ⤷ How does a molded inductor compare to a traditional ferrite core inductor?
- ⤷ Which manufacturers produce equivalents for the MC1040 series?