전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MC4580L-S08-R

  • AI
    ## Technical Overview: MC4580L-S08-R The **MC4580L-S08-R** is a high-performance, dual operational amplifier (Op-Amp) manufactured by UTC (Unisonic Technologies). It is specifically engineered for high-quality audio applications, offering low noise and low distortion characteristics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MC4580 series: | Parameter | Value / Range | | :--- | :--- | | **Number of Channels** | Dual (2 Op-Amps in one package) | | **Operating Voltage** | ±2.0V to ±18V | | **Gain Bandwidth Product** | 15 MHz (Typical) | | **Slew Rate** | 5 V/µs (Typical) | | **Input Noise Voltage** | 0.8 µVrms (Typical) | | **Total Harmonic Distortion (THD)** | 0.0005% | | **Output Current** | 50 mA (Minimum) | --- ### 2. Part Number Breakdown Understanding the suffix helps identify the physical and environmental properties of the chip: * **MC4580**: The base model number (equivalent to the industry standard RC4580). * **L**: Lead-free/Halogen-free plating (Environmentally friendly). * **S08**: Package type—**SOP-8** (Small Outline Package with 8 pins). * **R**: Tape & Reel packaging (Standard for automated PCB assembly). --- ### 3. Pin Configuration (SOP-8) ```text Top View (SOP-8) +-------u-------+ OUT A | 1 8 | VCC (+) -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B VEE(-)| 4 5 | +IN B +---------------+ ``` --- ### 4. Applications and Use Cases Because of its high output current and low noise floor, it is commonly found in: 1. **Audio Preamplifiers:** Used to boost weak signals from microphones or instruments. 2. **Headphone Amplifiers:** Capable of driving low-impedance headphones directly. 3. **Active Filters:** High bandwidth allows for precise audio crossovers and EQ circuits. 4. **Mixing Consoles:** Found in professional audio gear for signal routing. --- ### 5. Notable Advantages * **High Drive Capability:** Unlike many standard Op-Amps, it can drive 600Ω loads, making it ideal for professional line-level signals. * **Drop-in Replacement:** It is pin-compatible with other common Op-Amps like the NE5532 or RC4580, though it offers specific noise performance advantages. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the MC4580 and the NE5532?
    • ⤷ Can the MC4580 be used in single-supply power configurations?
    • ⤷ How does the 'L' suffix impact the soldering process for this component?