전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MC56F81663VL

  • AI
    The **MC56F81663VLF** is a high-performance Digital Signal Controller (DSC) from NXP’s MC56F81xxx family. It is based on the 32-bit DSP56800EX core, designed to bridge the gap between a traditional Microcontroller (MCU) and a Digital Signal Processor (DSP). --- ### ## Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | 32-bit DSP56800EX | | **Maximum Frequency** | 100 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 20 KB | | **Operating Voltage** | 2.7V to 3.6V | | **Package** | 48-LQFP (7x7 mm) | | **Operating Temp** | -40°C to 105°C | --- ### ## Critical Electronic Components & Subsystems The internal architecture is optimized for high-speed power conversion and motor control. #### 1. Advanced PWM (Pulse Width Modulator) The device features a highly flexible PWM module capable of: * High-resolution generation (fractional clocking). * Supporting complex topologies like interleaved PFC (Power Factor Correction) or LLC resonant converters. * Fault inputs for instantaneous hardware-based shutdown. #### 2. Analog-to-Digital Converters (ADC) It contains two high-speed 12-bit ADCs. * **Sampling Rate:** Up to 3.33 MSPS. * **Sync:** Can be synchronized with the PWM module to sample current/voltage at specific points in the switching cycle. #### 3. NanoEdge Placement Technology This is a proprietary hardware feature that allows for fine-tuning of PWM edges with a resolution of **~312 picoseconds**. This is essential for high-frequency SMPS (Switched Mode Power Supplies). #### 4. Integrated Analog Comparators It includes on-chip high-speed comparators with 6-bit DACs for programmable reference voltages, reducing the need for external electronic components for over-current protection. --- ### ## Typical Application Circuitry When designing a PCB with the MC56F81663VLF, the following hardware considerations are standard: ```c /* Basic Hardware Initialization Structure (Pseudo-code) */ void Hardware_Init() { SIM_PCE0 |= SIM_PCE0_ADC_MASK; // Enable Clock to ADC SIM_PCE1 |= SIM_PCE1_PWMA_MASK; // Enable Clock to PWM // Configure NanoEdge for High-Res PWM PWMA_SM0FRAC = 0x4000; } ``` --- ### ## Applications * **Digital Power:** Solar inverters, UPS, and DC/DC converters. * **Motor Control:** BLDC motors, permanent magnet synchronous motors (PMSM). * **Industrial:** LED lighting control and wireless charging.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the DSP56800EX core and a standard ARM Cortex-M4?
    • ⤷ How does the NanoEdge technology improve power efficiency in SMPS?
    • ⤷ Which development tools or IDEs support the MC56F81663VLF?