전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MCI1812-R01JB

  • AI
    The **MCI1812-R01JB** is a high-performance, surface-mount (SMD) multilayer chip inductor. It is commonly used in RF circuits and high-frequency communication devices to provide inductance while maintaining a small physical footprint. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical characteristics. | Parameter | Specification | Details | |:---|:---|:---| | **Inductance** | 0.01 µH (10 nH) | Denoted by "R01" | | **Tolerance** | ±5% | Denoted by the "J" suffix | | **Package Size** | 1812 | 4.5mm x 3.2mm (Metric 4532) | | **Material Type** | Ceramic/Ferrite | Optimized for high-frequency stability | | **Mounting Type** | SMD/SMT | Surface Mount Technology | | **Packaging** | Tape & Reel | Denoted by the "B" (Bulk/Reel) | --- ### 2. Key Components and Construction The MCI (Multilayer Chip Inductor) series is built using a sophisticated internal structure: * **Internal Electrodes:** These are printed on thin layers of ceramic or ferrite material and stacked vertically. They are connected in a spiral pattern to create the magnetic field required for inductance. * **Termination (Pads):** The ends are typically plated with Nickel (Ni) and Tin (Sn) to ensure excellent solderability and resistance to leaching during the reflow soldering process. * **Monolithic Structure:** The entire body is fired into a single solid block, which provides high mechanical strength and reliability against vibrations. --- ### 3. Applications The MCI1812-R01JB is specifically designed for signal processing and power management in small-scale electronics: 1. **RF Impedance Matching:** Used in wireless communication modules (Wi-Fi, Bluetooth) to match the impedance between the antenna and the transceiver. 2. **EMI Suppression:** Acts as a low-pass filter to block high-frequency noise from entering sensitive parts of a circuit. 3. **Resonant Circuits:** Often paired with capacitors to create LC oscillators or tuned circuits. 4. **Decoupling:** Prevents high-frequency signals from interfering with DC power rails. --- ### 4. Advantages * **High Q Factor:** Offers low DC resistance (DCR) and high efficiency at high frequencies. * **Compact Design:** The 1812 size provides a balance between high inductance capability and PCB space-saving. * **Magnetic Shielding:** The multilayer structure minimizes magnetic leakage, reducing crosstalk with nearby components.
    ✨ Follow-up Questions
    • ⤷ What are the differences between ceramic-core and ferrite-core inductors in this series?
    • ⤷ How does the 'J' tolerance rating affect circuit performance in RF applications?
    • ⤷ What is the Self-Resonant Frequency (SRF) for the R01 value?