전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MCL1JHTTDR10

  • AI
    The part number **MCL1JHTTDR10** corresponds to a specialized electronic component, typically classified as a **High-Temperature Thick Film Chip Resistor**. These components are engineered to perform reliably in harsh environments where standard commercial resistors would fail. --- ### 1. Component Specifications The alphanumeric code provides specific details regarding the electrical characteristics and physical build of the part: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Thick Film Resistor | Utilizes a metal oxide film on a ceramic substrate. | | **Resistance Value** | 0.10 $\Omega$ (R10) | A "Current Sense" or low-ohmic value. | | **Tolerance** | $\pm 5\%$ (J) | Standard precision for power-sensing applications. | | **Temperature Range** | Up to +155°C or +175°C | Designed for high-heat environments. | | **Package Size** | 0603 or 0805 | Typically fits standard surface-mount (SMD) footprints. | --- ### 2. Key Construction Features The "MCL" series usually denotes a focus on durability and thermal stability. * **Substrate:** High-grade Alumina ($Al_2O_3$) ceramic to dissipate heat efficiently. * **Termination:** Usually features a Nickel barrier with a Tin (Sn) or Gold (Au) finish to prevent "silver migration" and ensure solder joint integrity. * **Protective Coating:** A specialized glass or epoxy overcoat that protects the resistive element from moisture and chemical pollutants. --- ### 3. Applications Because this part is rated for high temperatures and has a low resistance value, it is commonly found in the following sectors: 1. **Automotive Electronics:** Engine control units (ECUs), transmission sensors, and LED lighting drivers. 2. **Power Management:** Used as a current shunt to monitor battery discharge or power supply stability. 3. **Industrial Drilling:** Tools used in oil and gas "downhole" applications where ambient temperatures are extreme. 4. **Aerospace:** Circuitry located near heat-generating engines or actuators. --- ### 4. Comparison: Thick Film vs. Thin Film It is important to note why a **Thick Film** part like this is chosen over Thin Film: * **Pulse Handling:** Thick film resistors (MCL series) handle high-energy surges and pulses better than thin film. * **Cost-Efficiency:** They provide a rugged solution at a lower price point for high-volume manufacturing. * **Stability:** While thin film is more "precise," thick film is more "robust" in vibration-heavy environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (wattage) for the MCL1J series?
    • ⤷ How does 'R10' resistance affect the thermal management of a circuit?
    • ⤷ Are there specific soldering profiles required for high-temperature resistors?