전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MCSO2ELV

  • AI
    The **MCSO2ELV** is a high-reliability, low-voltage clock oscillator manufactured by **Micro Crystal**. It is specifically designed for harsh environments, high-temperature applications (up to 210°C), and extreme mechanical stress. --- ## 🛠️ Key Technical Specifications The component is characterized by its extremely small form factor and low power consumption. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage ($V_{DD}$)** | 1.8 V to 3.3 V | | **Operating Temperature** | -55°C to +210°C (Extreme Grade) | | **Output Signal** | CMOS / HCMOS Compatible | | **Package Type** | Ceramic SMT (2.5 x 2.0 mm) | | **Current Consumption** | Very Low (μA range depending on frequency) | --- ## 🔬 Core Electronic Components & Architecture The MCSO2ELV integrates several internal stages to ensure stability and precision: ### 1. Quartz Crystal Resonator The heart of the device is a high-quality, chemically etched quartz crystal. In the MCSO2ELV, the crystal is specifically cut and processed to handle high temperatures without frequency "jumps" or degradation. ### 2. CMOS Oscillator IC The internal circuitry includes: * **Gain Stage:** Amplifies the signal from the crystal to sustain oscillation. * **Feedback Network:** Ensures the phase shift necessary for the Barkhausen stability criterion. * **Output Buffer:** Drives the external load and ensures fast rise/fall times for the digital square wave. ### 3. Low Voltage Logic The "ELV" designation stands for **Extremely Low Voltage**. The internal gates are optimized to operate at 1.8V, reducing thermal dissipation, which is critical when the ambient temperature is already high. --- ## 🚀 Distinctive Features ### Mechanical Ruggedness Unlike standard commercial oscillators, the MCSO2ELV is built to withstand: * **Shock:** Up to 10,000 g. * **Vibration:** Up to 80 g. * **Sealing:** Hermetically sealed in a ceramic package with a metal lid (Kovar) using gold-tin (AuSn) preforms. ### Enable/Disable Function (E/D) The device includes a "Tri-state" output pin. When the E/D pin is pulled low, the oscillator continues to run internally (in most configurations) but the output buffer is high-impedance, saving power and allowing bus sharing. --- ## 📋 Common Applications Due to its high-temperature rating and reliability, it is used in: 1. **Downhole Drilling:** Sensors and telemetry tools for oil and gas. 2. **Aerospace:** Engine control units (ECUs) and avionics. 3. **Automotive:** Under-the-hood sensors and exhaust system electronics. 4. **Geothermal:** Monitoring equipment in high-heat zones.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MCSO2ELV and a standard XO oscillator?
    • ⤷ How does the supply voltage affect the current consumption in this specific model?
    • ⤷ What is the typical frequency stability (ppm) for the 210°C temperature grade?