전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MCSO2E_18

  • AI
    Based on technical specifications, the **MCSO2E** (specifically the 18 variant, often referring to a specific frequency or package size in the 2.5 x 2.0 mm range) is a high-reliability, **Clocked Oscillator** manufactured by Microchip (formerly Vectron/Microsemi). It is primarily designed for space, aerospace, and high-temperature industrial applications. --- ### 1. Key Technical Specifications The MCSO2E series is categorized as a **Clock Oscillator (XO)** using CMOS technology. Below are the typical electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Output Frequency** | 10 kHz to 100 MHz (model dependent) | | **Supply Voltage ($V_{DD}$)** | 1.8V, 2.5V, or 3.3V | | **Current Consumption** | Low power (typically < 5mA at low frequencies) | | **Package Size** | 2.5 x 2.0 mm (Ceramic LCC) | | **Operating Temp** | -55°C to +125°C (Military Grade) | | **Aging** | < 3ppm for the first year | --- ### 2. Core Electronic Components Inside the hermetically sealed ceramic package, the MCSO2E consists of three main functional blocks: 1. **Quartz Crystal Resonator:** * The heart of the component. It uses an **AT-cut crystal blank** that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). * The "18" in the designation often refers to the specific tuning for low-voltage (1.8V) operation. 2. **CMOS Integrated Circuit (ASIC):** * **Oscillator Circuit:** Sustains the mechanical vibration of the crystal. * **Output Buffer:** Ensures the square wave signal (CMOS) can drive the load on the PCB without degrading the signal. * **Trimming Logic:** Used during manufacturing to calibrate the frequency to high precision. 3. **Bypass/Decoupling:** * Internal capacitive elements help stabilize the supply voltage and reduce electromagnetic interference (EMI). --- ### 3. Pin Configuration The MCSO2E typically uses a 4-pad layout common to SMD oscillators: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tristate) or No Connection | | **2** | GND | Ground / Case | | **3** | Fout | Output Frequency Signal | | **4** | $V_{DD}$ | Supply Voltage | --- ### 4. Special "Space Grade" Features Unlike consumer-grade oscillators, the "E" in MCSO2E often denotes **Extended testing** or specific rad-tolerant characteristics: * **Radiation Hardness:** Designed to withstand Total Ionizing Dose (TID) effects. * **Hermetic Sealing:** The ceramic package is seam-sealed with a metal lid to prevent gas leakage and withstand vacuum conditions. * **Low Jitter:** High spectral purity for precision timing in communication satellites. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1.8V and 3.3V versions of the MCSO2E?
    • ⤷ How does the 'Enable/Disable' function impact power consumption in this part?
    • ⤷ What are the specific radiation tolerance levels for the MCSO2E series?