전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MCSO2FH

  • AI
    The **MCSO2FH** is a high-precision, high-reliability crystal oscillator specifically designed for demanding applications, often within the aerospace, defense, and medical sectors. It is manufactured by **Micro Crystal AG** (a Swatch Group company). Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Technical Specifications The MCSO2FH is characterized by its wide frequency range and extreme temperature tolerance. | Feature | Specification | | :--- | :--- | | **Component Type** | Clock Oscillator (XO) | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage ($V_{DD}$)** | 1.8V, 2.5V, 3.3V, or 5.0V | | **Output Type** | CMOS / HCMOS compatible | | **Operating Temperature** | -55°C to +125°C (Standard) / up to +210°C (High-Temp version) | | **Package Type** | SMT Ceramic (approx. 5.0 x 3.2 mm) | | **Aging** | Very low (±3 ppm max for the first year) | --- ## 2. Internal Electronic Architecture The device is not just a crystal but a complete timing circuit integrated into a single hermetically sealed package. ### A. The Quartz Blank * **Cut:** It typically uses a high-quality AT-cut or SC-cut crystal blank. * **Function:** Provides the fundamental mechanical resonance. The "FH" designation often implies High Stability or High Frequency capabilities within the series. ### B. The Integrated Circuit (IC) * **Oscillator Circuit:** A Pierce oscillator configuration integrated onto a silicon die. * **Buffer Stage:** Includes an output buffer to ensure the signal can drive CMOS loads without degrading the waveform. * **Trimming:** Digital or laser trimming is used during manufacturing to achieve tight frequency tolerances. ### C. The Hermetic Package * **Material:** Ceramic housing with a Kovar or gold-plated lid. * **Sealing:** Sealing is done under vacuum or nitrogen to prevent oxidation of the quartz electrodes and to ensure long-term stability in harsh environments. --- ## 3. Key Electronic Characteristics ### Power Consumption The MCSO2FH is optimized for low power. At 3.3V and a standard frequency (e.g., 20 MHz), the current consumption typically stays below **5-10 mA**, making it suitable for battery-operated ruggedized devices. ### Start-up Time Being a fundamental mode or third-overtone oscillator, it features a fast start-up time, typically **< 5 ms**, which is critical for systems that cycle between sleep and active modes. ### Signal Integrity * **Rise/Fall Time:** Usually between 2ns to 4ns, ensuring clean edges for high-speed digital processors. * **Duty Cycle:** Maintained at 40/60% or 45/55%, providing a balanced clock signal. --- ## 4. Typical Applications Due to its robust electronic design, the MCSO2FH is found in: 1. **Downhole Drilling:** Tools that operate at extremely high temperatures and vibrations. 2. **Avionics:** Flight control systems where clock jitter must be minimized. 3. **Medical Implants:** High-reliability monitoring equipment. 4. **Military Communication:** Radios requiring stable frequency references in extreme cold or heat.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MCSO2FH and a standard MEMS oscillator?
    • ⤷ How does the 'FH' suffix specifically affect the vibration resistance ratings?
    • ⤷ What are the recommended decoupling capacitor values for the VDD pin of this oscillator?