전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MCSP2425AM

  • AI
    The **MCSP2425AM** is a high-performance, AC output proportional controller (often categorized under Soft Start / Motor Control Solid State Relays) manufactured by **Sensata | Crydom**. It is designed to provide precise control over the power delivered to a load by varying the phase angle of the AC voltage. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Type** | Proportional Controller / SSR | | **Operating Voltage** | 180 - 280 VAC | | **Load Current** | 25 Amps | | **Control Input** | 4-20 mA (Analog) | | **Output Type** | SCR (Silicon Controlled Rectifier) | | **Switching Type** | Phase Angle Control | | **Mounting Type** | Panel Mount | --- ### 2. Major Electronic Subsystems The internal architecture of the MCSP2425AM consists of several critical electronic sections: #### A. Input Signal Conditioning The "AM" suffix indicates that this model accepts a **4-20 mA current loop** as the control input. * **Impedance:** It typically has a specific input impedance to match industrial PLC or PID controller outputs. * **Isolation:** Uses optical isolation to separate the low-voltage control signals from the high-voltage AC mains (usually up to 4000 Vrms). #### B. Phase Angle Control Logic Unlike standard "Zero-Crossing" SSRs that are either fully ON or fully OFF, the MCSP2425AM uses **Phase Angle Triggering**. * The internal circuitry detects the zero-crossing point of the AC sine wave. * It then calculates a "delay" based on the 4-20mA input. * The power is turned on partway through the cycle, effectively "slicing" the waveform to reduce the RMS voltage delivered to the load. #### C. Power Switching Component (SCRs) The output stage utilizes back-to-back **SCRs (Silicon Controlled Rectifiers)**. * SCRs are preferred over Triacs for industrial loads because of their high $dv/dt$ capability and better thermal management. * The "25" in the part number denotes its ability to handle **25 Amps** of continuous current, provided adequate heat sinking is used. --- ### 3. Application Use Cases Because the MCSP2425AM allows for variable power output, it is used for: 1. **Dimmable Lighting:** Large-scale architectural or industrial lighting control. 2. **Heating Elements:** Precision temperature control in ovens or extruders. 3. **Motor Speed Control:** Used for certain types of single-phase AC motors (specifically fractional horsepower shaded-pole or permanent split capacitor motors). --- ### 4. Typical Wiring Diagram (Conceptual) ```text (Line L1) ---- [L1 Terminal] [Input +] ---- (4-20mA +) | | [MCSP2425AM] [MCSP2425AM] | | (Load) -------- [L2 Terminal] [Input -] ---- (4-20mA -) | (Line L2/N) --- (Return) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase angle control and burst fire control in SSRs?
    • ⤷ How do I calculate the heat sink requirements for a 25A load?
    • ⤷ Can this controller be used with an inductive motor load?