전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MDA-10-R

  • AI
    The **MDA-10-R** is a specific type of high-performance fuse manufactured by **Eaton (Bussmann Series)**. It is widely used in industrial and consumer electronics to protect circuits from overcurrent and short-circuit conditions. --- ## 1. Technical Specifications The part number "MDA-10-R" provides specific data about its construction and capabilities: | Feature | Specification | | :--- | :--- | | **Current Rating** | 10 Amperes | | **Voltage Rating** | 250 VAC (Volts AC) / 125 VDC (Volts DC) | | **Fuse Speed** | Time-Delay / Slow-Blow | | **Body Material** | Ceramic | | **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Key Characteristics ### Time-Delay (Slow-Blow) Function Unlike "Fast-Acting" fuses, the MDA-10-R is designed to withstand temporary **inrush currents**. This is critical for devices like motors or large power supplies that draw a high amount of current for a fraction of a second when first turned on. The fuse will not blow during these brief spikes but will open if a sustained overload occurs. ### Ceramic Body Construction The use of a ceramic tube instead of glass allows for: * **Higher Interrupting Rating:** It can safely break a circuit even under high fault current conditions without the tube shattering. * **Arc Quenching:** Often filled with sand or a similar material to extinguish the electrical arc created when the fuse element melts. ### "R" Suffix The **-R** in the part number signifies that the component is **RoHS compliant**, meaning it is manufactured without the use of hazardous substances like lead, mercury, or cadmium. --- ## 3. Common Applications The MDA-10-R is typically found in the following environments: * **Industrial Control Panels:** Protecting PLC outputs and small motors. * **Power Supplies:** Serving as the primary input protection for AC-to-DC converters. * **Appliances:** High-draw consumer electronics that utilize inductive loads. * **HVAC Systems:** Protecting control boards and fan motors. --- ## 4. Safety and Replacement When replacing an MDA-10-R, ensure the following: 1. **Never substitute with a Fast-Acting fuse:** Doing so will likely cause the fuse to blow immediately upon device startup. 2. **Verify Voltage:** Ensure the replacement fuse matches or exceeds the voltage requirement of the circuit. 3. **Physical Fit:** Ensure the cartridge size is the standard 3AG (6.3 x 32mm) size.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MDA series and the MDL series fuses?
    • ⤷ How does the interrupting rating of a ceramic fuse compare to a glass fuse?
    • ⤷ Can I use an AC-rated MDA fuse in a purely DC application?