전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MDA-25A-R

  • AI
    ## MDA-25A-R Electronic Component Overview The **MDA-25A-R** is a specific type of electronic fuse manufactured by **Eaton (formerly Bussmann)**. It belongs to the MDA series, which is characterized by its ceramic tube construction and time-delay (slow-blow) functionality. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the MDA-25A-R: | Attribute | Specification | | :--- | :--- | | **Current Rating** | 25 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC (Interruption Rating dependent) | | **Fuse Type** | Time-Delay (Slow-Blow) | | **Body Material** | Ceramic Tube | | **Physical Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **End Caps** | Nickel-plated brass | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### Key Features and Functionality 1. **Time-Delay Mechanism**: Unlike "Fast-Acting" fuses, the MDA-25A-R is designed to withstand temporary surges in current. This is critical for circuits that have high "in-rush" currents, such as those powering motors or large capacitors, preventing the fuse from blowing unnecessarily during startup. 2. **Ceramic Construction**: The ceramic body is more robust than glass. It allows for a higher interrupting rating (the maximum fault current the fuse can safely clear without exploding or arcing) and provides better heat resistance. 3. **The "-R" Suffix**: In the Eaton/Bussmann naming convention, the **-R** stands for **RoHS Compliance**, meaning the part is manufactured without lead or other hazardous substances restricted by the European Union. --- ### Common Applications Because of its high current capacity (25A) and slow-blow nature, this part is frequently found in: * **Industrial Control Panels**: Protecting power supplies and motor controllers. * **Heavy Appliances**: Used in microwaves or air conditioning units. * **Power Distribution Units (PDUs)**: Safeguarding rack-mounted server equipment. * **Battery Chargers**: Handling the initial surge when charging begins. --- ### Safety and Replacement Note When replacing an MDA-25A-R, **always** ensure the replacement fuse is also rated for 25A and is a "Time-Delay" type. Replacing a slow-blow fuse with a fast-acting fuse of the same amperage will likely result in the fuse blowing immediately upon device startup.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MDA series and an MDL series fuse?
    • ⤷ What is the maximum interrupting rating for the MDA-25A-R at 250VAC?
    • ⤷ Can this fuse be used in automotive 12V DC applications?