전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MDA-TL-R2

  • AI
    The **MDA-TL-R2** is a specific development and educational board typically associated with the **Intel 8086** microprocessor architecture. It is widely used in technical universities for teaching assembly language, interfacing, and embedded systems control. ### 1. Core Processing Unit The heart of the system is a 16-bit architecture designed to simulate a microcomputer environment. | Component | Description | Function | | :--- | :--- | :--- | | **CPU** | Intel 8086 (or compatible) | Executes the instructions and manages data processing. | | **Clock Oscillator** | Crystal Oscillator | Provides the timing signal (usually 5MHz to 10MHz) for synchronization. | ### 2. Memory Subsystem The board includes various chips to handle program storage and temporary data execution. * **ROM/EPROM:** Contains the **Monitor Program**. This is the firmware that allows the user to interface with the board immediately upon power-up. * **SRAM:** High-speed Static RAM used for storing user programs and stack data during execution. ### 3. Peripheral Interfacing (I/O) The "TL" in the name often refers to its Training/Logic capabilities, featuring several standard peripheral chips: | Part Number | Name | Role | | :--- | :--- | :--- | | **8255** | PPI (Programmable Peripheral Interface) | Provides 24 I/O pins to connect to external LEDs, switches, or motors. | | **8253/8254** | PIT (Programmable Interval Timer) | Used for generating precise time delays or square waves. | | **8251** | USART | Facilitates serial communication (RS-232) with a PC. | | **8259** | PIC (Programmable Interrupt Controller) | Manages external hardware interrupts. | ### 4. Human-Machine Interface (HMI) To allow interaction without a connected PC, the board includes onboard components: 1. **Keypad:** A matrix of keys (0-F plus function keys like RESET, GO, REG) for hex data entry. 2. **7-Segment Displays:** Usually a row of 6 to 8 digits used to display memory addresses and data values. 3. **LED Indicators:** Simple status lights connected to specific address lines or I/O ports. ### 5. Expansion and Power * **Bus Extension:** A 60-pin or 40-pin header that exposes the Address, Data, and Control buses for custom hardware breadboarding. * **Power Supply:** Usually requires a +5V DC input, though some versions include onboard regulators for +12V/-12V (required for older RS-232 levels). ---
    ✨ Follow-up Questions
    • ⤷ How do you upload assembly code from a PC to the MDA-TL-R2 board?
    • ⤷ What are the common memory addresses for the 8255 PPI on this trainer?
    • ⤷ Can the 8086 on this board be replaced with an 8088 processor?