전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MDL-14-R

  • AI
    The **MDL-14-R** is a specific model of a **Miniature Dot Matrix LED Display Module**, typically manufactured by companies like Lumex. These displays are characterized by their vintage "bubble lens" appearance and are often used in industrial equipment, telecommunications, and retro-electronics projects. --- ## 1. Technical Specifications The MDL-14-R is primarily a passive components array designed to display alphanumeric characters through a 5x7 dot matrix. | Parameter | Specification | | :--- | :--- | | **Display Type** | 5x7 Dot Matrix | | **Character Height** | 0.14 inches (approx. 3.7mm) | | **Color** | Red (High Efficiency) | | **Forward Voltage ($V_f$)** | ~2.0V to 2.5V (Typical) | | **Forward Current ($I_f$)** | 10mA - 20mA per segment | | **Peak Wavelength** | 635nm (Red) | | **Lens Style** | Enlarged "Bubble" Lens for wide viewing angles | --- ## 2. Pinout and Internal Logic Unlike modern "smart" displays (like the HCMS-29xx series), the MDL-14-R is usually a **Common Cathode** or **Common Anode** passive array. It does not contain an onboard driver IC. ### Connection Requirements: * **Rows/Columns:** You must use an external LED driver or a microcontroller with enough I/O pins. * **Multiplexing:** To display a full character, you must cycle through the rows or columns rapidly (multiplexing) to create the illusion of a steady image. * **Current Limiting:** Resistors are mandatory to prevent burning out the tiny LED dies. --- ## 3. Circuit Integration To use the MDL-14-R in a modern electronic circuit (e.g., with an Arduino or ESP32), you typically need the following supporting components: ### Recommended Components: 1. **Driver IC:** A **MAX7219** or **HT16K33** is ideal for controlling dot matrix displays via I2C or SPI. 2. **Shift Registers:** If a dedicated driver isn't used, a **74HC595** shift register can manage the columns while transistors manage the rows. 3. **Resistors:** 220Ω to 330Ω resistors for each column to limit current. ```cpp // Example: Basic Logic for Multiplexing a 5x7 Matrix void displayPattern(byte pattern[]) { for (int col = 0; col < 5; col++) { digitalWrite(columnPins[col], LOW); // Activate column setRows(pattern[col]); // Set row data delay(2); // Short delay for persistence of vision digitalWrite(columnPins[col], HIGH); // Deactivate column } } ``` --- ## 4. Key Features & Applications * **High Visibility:** The "R" in the part number stands for **Red**. The high-efficiency AlGaAs or GaAsP on GaP technology ensures it is visible even in low light. * **Stackability:** These modules are designed to be placed side-by-side to create long scrolling text displays. * **Durability:** Solid-state construction makes them resistant to vibration compared to LCDs of the same era.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Common Anode and Common Cathode versions of the MDL-14-R?
    • ⤷ Which LED driver IC is most recommended for driving multiple MDL-14-R modules?
    • ⤷ How do I calculate the exact resistor values for the 635nm Red LEDs in this module?