전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MDL-38-R

  • AI
    The **MDL-38-R** is a specific type of logic-controlled solenoid or linear actuator assembly, commonly used in mechanical locking systems, vending machines, and automated security cabinets. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications Table The electronic performance of the MDL-38-R is defined by its power consumption and duty cycle. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Current Draw** | ~1.0A to 1.5A (at peak activation) | | **Power Consumption** | Approximately 12W - 18W | | **Duty Cycle** | Intermittent (usually 10-25% to prevent overheating) | | **Connector Type** | 2-pin or 3-pin Molex/JST compatible | | **Response Time** | < 50ms | --- ### 2. Key Electronic Components The device consists of several critical electronic sub-parts that allow it to convert electricity into linear motion: * **Solenoid Coil:** The heart of the unit. It consists of copper wire wrapped around a bobbin. When current passes through, it creates a magnetic field that pulls the internal plunger. * **Return Spring:** A mechanical-electronic reset component. Once power is cut, the spring pushes the plunger back to its default state. * **Internal Microswitch (Optional):** Many "R" series models include a feedback switch. This allows the controlling electronics to "know" if the latch is currently open or closed. * **Protection Diode (Flyback Diode):** Often integrated into the wiring or the control board to prevent voltage spikes (back EMF) from damaging the driving transistor when the coil is deactivated. --- ### 3. Connection and Wiring To interface the MDL-38-R with a microcontroller (like an Arduino or PLC), the following circuit logic is typically used: ```cpp // Example logic for triggering an MDL-38-R via a Relay/MOSFET const int lockPin = 9; void setup() { pinMode(lockPin, OUTPUT); } void unlock() { digitalWrite(lockPin, HIGH); // Engage solenoid delay(500); // Hold for 500ms digitalWrite(lockPin, LOW); // Release to prevent overheating } ``` --- ### 4. Application Safety Notes 1. **Heat Dissipation:** Because the coil has low resistance, leaving it powered for extended periods will cause the insulation on the copper wire to melt. 2. **Power Supply:** Ensure your power supply can handle the "Inrush Current." A 1A rated supply may sag when the solenoid first fires. 3. **Polarity:** If the unit contains an internal protection diode, reversing the +/- wires will cause a short circuit.
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous 'on-time' for the MDL-38-R before overheating?
    • ⤷ Does this model support pulse width modulation (PWM) for power reduction?
    • ⤷ How do I wire a feedback loop to detect if the latch is locked?