AI

The **ME12XAA-R** is an alphanumeric liquid crystal display (LCD) module. It is a character-based display, typically configured as a 12x1 (12 characters, 1 line) or 12x2 module, commonly used in embedded systems for simple data visualization.
### 1. Technical Specifications
Below are the primary electronic characteristics of this module:
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | STN (Super-Twisted Nematic) / FSTN |
| **Character Matrix** | 12 Characters x 1 Line (or 2 Lines depending on revision) |
| **Interface** | Parallel (4-bit or 8-bit) |
| **Operating Voltage (Vdd)** | +5V (typical) or +3.3V |
| **LCD Drive Voltage (V0)** | Adjustable for contrast control |
| **Backlight** | LED (Optional, typically Yellow-Green or White) |
| **Controller Chip** | Compatible with HD44780 or SPLC780D |
---
### 2. Pin Configuration
The module generally follows the standard 14-pin or 16-pin (if backlit) interface protocol used by industrial LCDs.
| Pin No. | Symbol | Description |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Supply Voltage (+5V) |
| 3 | V0 | Contrast Adjustment (via Potentiometer) |
| 4 | RS | Register Select (Command/Data) |
| 5 | R/W | Read/Write Select |
| 6 | E | Enable Signal |
| 7-14 | DB0-DB7 | Data Bus Lines |
| 15 | A / LED+ | Backlight Anode (+) |
| 16 | K / LED- | Backlight Cathode (-) |
---
### 3. Key Electronic Components
* **Controller IC:** The "brain" of the module is usually an **HD44780** compatible chip. It handles the character generator ROM (CGROM), which contains the standard ASCII font, and the RAM (CGRAM) for custom characters.
* **Contrast Circuit:** Pin 3 (V0) requires a variable resistor (10kΩ to 20kΩ) connected between VDD and VSS. Adjusting the voltage at this pin determines the visibility of the pixels.
* **Instruction Set:** The module accepts standard commands such as `Clear Display`, `Return Home`, `Entry Mode Set`, and `Display ON/OFF`.
### 4. Implementation Example (Arduino)
To drive this module, you can use the standard `LiquidCrystal` library.
```cpp
#include
// Initialize the library with the interface pins
// RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
// Set up the LCD's number of columns and rows:
lcd.begin(12, 1);
// Print a message to the LCD.
lcd.print("HELLO ME12X");
}
void loop() {
// Cursor and blinking logic here
}
```
---
- ⤷
What is the maximum power consumption for the ME12XAA-R with the backlight on?
- ⤷ Can this module be interfaced using I2C instead of parallel?
- ⤷ How do I calculate the resistor value needed for the LED backlight?