전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME13XAD-R

  • AI
    The **ME13XAD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**, often manufactured by companies like **Coilcraft** or specialized magnetic component suppliers. These parts are designed for high-density power applications. --- ### 1. Key Technical Specifications The "ME13" series generally refers to the physical size and core material characteristics. Below are the typical technical parameters for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite / Ferrite (High Saturation) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Operating Temperature** | -40°C to +125°C | | **Application** | DC-DC Converters, VRMs, Battery powered devices | ### 2. Breakdown of the Part Number While nomenclature varies slightly by brand, the code usually breaks down as follows: * **ME:** Series designation (often indicating a molded power inductor with high saturation). * **13:** Dimensional code (representing the length/width, approximately 1.3mm or a specific frame size). * **XAD:** Specific electrical characteristics (inductance value and tolerance). * **-R:** Generally indicates **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging. ### 3. Core Features & Benefits * **High Saturation Current:** Designed to handle high current spikes without the inductance dropping significantly. * **Low DC Resistance (DCR):** Minimizes power loss and heat generation, increasing the efficiency of power supplies. * **Magnetic Shielding:** The molded construction reduces electromagnetic interference (EMI), which is critical in compact consumer electronics like smartphones or laptops. * **Robust Construction:** The composite core handles mechanical shock and thermal cycling better than traditional open-wire inductors. --- ### 4. Typical Application Circuit Inductors like the ME13XAD-R are primarily found in the output stage of a Buck (Step-down) converter. ```mermaid graph LR Vin[Input Voltage] --> Switch(MOSFET Switch) Switch --> Inductor[ME13XAD-R Inductor] Inductor --> Vout(Stable Output) Inductor --- Cap(Filter Capacitor) Cap --- GND(Ground) ``` ### 5. Handling and Soldering * **Moisture Sensitivity:** Typically rated at MSL 1. * **Soldering:** Compatible with lead-free reflow profiles (J-STD-020D). * **Placement:** Ensure the pads are aligned to prevent "tombstoning" during reflow due to its small footprint.
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value (uH) for the 'XAD' variant?
    • ⤷ Which manufacturers are the primary suppliers for the ME13 series?
    • ⤷ Can this inductor be used in high-frequency automotive applications?