전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME21ZBX-R

  • AI
    The **ME21ZBX-R** is an **Over-the-Range (OTR) Microwave Oven** manufactured by Samsung. In the context of electronic parts and repair, it consists of several high-voltage components, control logic circuits, and mechanical-electronic interfaces. --- ### 1. Key Electronic Component Breakdown The internal circuitry of the ME21ZBX-R can be categorized into three main sections: **Power Input/Filtering**, **Control Logic**, and **High-Voltage Generation**. | Component Category | Key Parts | Primary Function | | :--- | :--- | :--- | | **High-Voltage System** | Magnetron (OM75P), HV Transformer, HV Capacitor, HV Diode | Converts standard AC power into microwave energy for cooking. | | **Control System** | Main PCB (Logic Board), Display Board | Manages timing, sensor data (Humidity Sensor), and relay switching. | | **Safety System** | Door Micro-switches (Primary, Secondary, Monitor), TCOs (Thermal Cut-Outs) | Ensures the unit does not operate with the door open and prevents overheating. | | **Ventilation & Motion** | Fan Motor, Turntable Motor, Stirrer Motor | Cools components, exhausts smoke, and ensures even heating. | --- ### 2. Critical Electronic Parts Details #### A. The Magnetron (OM75P-31-ESGN) This is the "heart" of the microwave. It uses high-voltage DC to generate microwave radiation at approximately 2450 MHz. If the microwave runs but does not heat, this is the most common failure point. #### B. The Main Control Board (PCB) The PCB acts as the brain. It contains: * **Relays:** Small electromagnetic switches that turn the high-voltage transformer and fan motors on and off. * **Microprocessor:** Interprets input from the keypad and humidity sensors to calculate cooking times. #### C. High-Voltage Capacitor & Diode * **Capacitor:** Stores high-voltage electricity. **Warning:** This can hold a lethal charge even after the unit is unplugged. * **Diode:** Acts as a one-way valve to convert AC from the transformer into the DC needed by the magnetron. #### D. Safety Interlock Switches The ME21ZBX-R uses a 3-switch system. If these switches are slightly misaligned or the plastic "fingers" on the door are broken, the microwave will refuse to start or may blow the internal ceramic fuse immediately. --- ### 3. Troubleshooting Common Electronic Failures If you are diagnosing this specific model, refer to this logic: 1. **No Power/Dead Display:** Check the **20A Ceramic Fuse** located near the power cord entry and the **Noise Filter PCB**. 2. **Runs but No Heat:** Usually a failed **Magnetron** or a blown **HV Fuse** (if equipped on the capacitor line). 3. **Shuts off after 2-3 seconds:** Often a sign of a faulty **Humidity Sensor** or a failing **Main PCB** relay. 4. **Buttons Not Responding:** The **Capacitive Touch Panel** (part of the door assembly) or the ribbon cable connecting to the display board may be corroded or loose. --- ### 4. Technical Specifications Summary ```json { "Model": "ME21ZBX-R", "Power_Output": "1000 Watts", "Power_Input": "120V / 60Hz", "Frequency": "2450 MHz", "Safety_Standard": "UL Listed" } ```
    ✨ Follow-up Questions
    • ⤷ How do I safely discharge the high-voltage capacitor in this model?
    • ⤷ What are the part numbers for the door micro-switches for the ME21ZBX-R?
    • ⤷ Why does the microwave fan stay on after the cooking cycle finishes?