전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME23ZAG-R

  • AI
    The **ME23ZAG-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) typically used for power management and switching applications. It is known for its compact SOT-23 package and efficiency in low-voltage circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the ME23ZAG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 20V | | **Gate-Source Voltage** | $V_{GSS}$ | ±12V | | **Continuous Drain Current** | $I_D$ | 3.0A - 4.0A (approx) | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~30mΩ @ $V_{GS}=4.5V$ | | **Total Gate Charge** | $Q_g$ | ~4.5nC | | **Package Type** | SOT-23 | Surface Mount (SMD) | --- ### 2. Physical and Functional Features * **Trench Technology:** It utilizes high-density cell design to achieve extremely low $R_{DS(ON)}$, which minimizes power loss during conduction. * **Logic Level Drive:** The device can be fully "turned on" with low gate voltages (typically 2.5V or 4.5V), making it compatible with microcontrollers and low-voltage logic gates. * **High Speed:** It features fast switching speeds, which is essential for PWM (Pulse Width Modulation) applications. --- ### 3. Common Applications The ME23ZAG-R is versatile and widely used in portable electronic devices: 1. **Load Switches:** Acting as a gatekeeper to turn power on/off for specific sub-systems. 2. **DC-DC Converters:** Used in buck or boost converters for voltage regulation. 3. **Battery Management:** Protects lithium-ion batteries from over-discharge or regulates charging paths. 4. **Motor Drivers:** Controlling small DC motors in consumer robotics or drones. --- ### 4. Circuit Implementation Example When using this N-Channel MOSFET as a low-side switch, the wiring logic is as follows: ```markdown - Source (S): Connected to Ground (0V). - Gate (G): Connected to the MCU control pin (via a 100-ohm resistor). - Drain (D): Connected to the negative terminal of the Load. - Load Positive: Connected to the Power Supply (VCC). ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal management techniques for the SOT-23 package?
    • ⤷ How does the ME23ZAG-R compare to its P-channel counterpart ME23PAG?
    • ⤷ Can this MOSFET be used with a 3.3V Arduino or ESP32 signal?