전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME26XAD-R

  • AI
    The **ME26XAD-R** refers to a specific series of N-Channel Enhancement Mode Field Effect Transistors (MOSFETs), typically manufactured by companies like **Matsuki Electric**. These components are widely used in power management and switching applications due to their compact size and efficiency. --- ### 1. Key Technical Specifications The ME26XAD-R is designed for low-voltage, high-efficiency switching. Below are the typical parameters for this part: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 30V | Maximum voltage across drain and source | | **Continuous Drain Current ($I_D$)** | 4.0A - 5.0A | Maximum current handling capability | | **Gate-Source Voltage ($V_{GS}$)** | ±12V to ±20V | Voltage range to control the gate | | **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | ~40mΩ to 60mΩ | Resistance when the MOSFET is fully ON | | **Package Type** | SOT-23 / SOT-23-3L | Small surface-mount package | --- ### 2. Physical Characteristics & Pinout The device usually comes in a **SOT-23** package, which is a standard 3-pin surface-mount plastic package. 1. **Pin 1 (Gate):** Controls the switching state of the MOSFET. 2. **Pin 2 (Source):** Connected to the lower potential in an N-Channel configuration. 3. **Pin 3 (Drain):** Connected to the load. ### 3. Functional Features * **Low $R_{DS(ON)}$:** Minimizes power dissipation during operation, reducing heat. * **Fast Switching:** Capable of high-speed transitions, making it suitable for PWM (Pulse Width Modulation). * **Trench Technology:** High cell density design for improved thermal performance and lower resistance. * **Logic Level Drive:** Can often be triggered directly by microcontrollers (3.3V or 5V logic). --- ### 4. Common Applications The ME26XAD-R is found in various consumer electronics and power circuits: * **Load Switching:** Turning peripheral devices on or off in portable electronics. * **DC-DC Converters:** Used in buck or boost converters for voltage regulation. * **Battery Management:** Protection circuits and charging paths for Li-ion batteries. * **Motor Drives:** Small DC motor control in robotics or toys. ### 5. Example Schematic Usage In a simple switching circuit, the ME26XAD-R is used as follows: ```cpp // Logic Diagram [Control Signal] ---> [Gate Pin] [Ground] ---> [Source Pin] [Load/VCC] ---> [Drain Pin] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the ME26XAD-R?
    • ⤷ What is the maximum power dissipation (Pd) for this MOSFET?
    • ⤷ Can this MOSFET be used for high-side switching?