전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME28XAX-R

  • AI
    The **ME28XAX-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like Magnecraft (now part of Schneider Electric). These relays are designed for high-density power switching in industrial and commercial applications. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics. | Feature | Specification / Description | | :--- | :--- | | **Contact Configuration** | **DPDT** (Double Pole Double Throw) | | **Contact Rating** | Usually **10 Amps** to **15 Amps** at 120/240VAC | | **Coil Voltage** | **240 VAC** (Indicated by the "28" suffix in many series) | | **Mounting Type** | **Plug-in** (Socket-mounted) or Solder terminals | | **Indicator** | The "R" suffix typically indicates a **Mechanical Flag** or **Pilot Light** (LED) | --- ## 2. Key Components & Construction ### A. The Coil System * **Voltage:** Designed for 240VAC operation. * **Action:** When energized, the coil creates an electromagnetic field that pulls the armature towards the core. * **Power Consumption:** Designed for low power consumption to minimize heat buildup within the control panel. ### B. Contact System (DPDT) * **DPDT (2 Form C):** This means the relay has two separate sets of contacts. Each set can switch between a "Normally Closed" (NC) and a "Normally Open" (NO) position. * **Materials:** Contacts are usually made of Silver Cadmium Oxide (AgCdO) or Silver Tin Oxide (AgSnO2) to resist "welding" and electrical pitting. ### C. The "R" Feature (Visual Status) The "R" at the end of the model number is a critical electronic feature for maintenance: * **LED Indicator:** A small LED wired in parallel with the coil that lights up when the coil is energized. * **Flag Indicator:** A mechanical orange/red tab that moves physically when the armature is engaged, allowing technicians to troubleshoot without a multimeter. --- ## 3. Pinout Logic Most relays in the ME series follow a standard industrial pinout for use with DIN-rail sockets. ```text Pin 1 & 8: Coil Connections (240VAC) Pin 2 & 7: Common (COM) Pin 3 & 6: Normally Open (NO) Pin 4 & 5: Normally Closed (NC) ``` --- ## 4. Application Use Cases 1. **Industrial Automation:** Switching motors, fans, or heaters in control cabinets. 2. **HVAC Systems:** Controlling compressors or large blowers using 240V control logic. 3. **Signal Isolation:** Using a low-current control signal to switch a high-current load safely.
    ✨ Follow-up Questions
    • ⤷ What are the compatible DIN-rail sockets for the ME28XAX-R?
    • ⤷ What is the difference between the 'R' and 'L' suffixes in this relay series?
    • ⤷ How do I test the coil resistance of a 240VAC relay safely?