전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME52XAA-R

  • AI
    The **ME52XAA-R** is an industrial-grade **AC/DC Power Supply module**, typically associated with high-density computing platforms, telecommunications infrastructure, or server systems (often linked to brands like Huawei or specialized networking hardware). --- ## 1. Technical Specifications Below are the primary electrical characteristics of the ME52XAA-R module: | Parameter | Specification | | :--- | :--- | | **Input Voltage (AC)** | 100V – 240V AC | | **Input Frequency** | 50Hz / 60Hz | | **Output Voltage** | Typically +12V DC (Main) / +12VSB (Standby) | | **Max Power Output** | Varies by sub-revision (Commonly 500W - 800W range) | | **Efficiency Rating** | 80 PLUS Platinum or Gold equivalent | | **Cooling** | Forced Air (Internal High-RPM Fan) | --- ## 2. Key Internal Components As a high-efficiency switching power supply (SMPS), the ME52XAA-R contains the following electronic sections: ### A. Input Protection & EMI Filtering * **Varistors (MOVs):** Protect against voltage surges. * **X/Y Capacitors & Common Mode Chokes:** Filter out Electromagnetic Interference (EMI) to ensure compliance with regulatory standards. ### B. Power Factor Correction (PFC) Stage * **PFC Controller IC:** Optimizes the ratio of real power to apparent power. * **Boost Inductor & MOSFETs:** Actively shape the input current to stay in phase with the voltage. ### C. DC-DC Conversion & Rectification * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output. * **Synchronous Rectifiers:** Uses MOSFETs instead of diodes on the secondary side to reduce heat and increase efficiency. ### D. Monitoring & Control * **Microcontroller / DSP:** Manages the "Digital Power" aspects, such as I2C or PMBus communication, allowing the host system to monitor temperature, fan speed, and power draw. --- ## 3. Physical Interface The module is designed for "Hot-Swap" capability, meaning it can be replaced without powering down the entire system. * **Front Panel:** Usually features an AC Inlet (C14 type) and LED status indicators (Power, Alarm, Fault). * **Rear Connector:** A high-current blade-style connector that carries the DC load, ground, and I2C/PMBus data signals to the system backplane. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the ME52XAA-R backplane connector?
    • ⤷ How do I troubleshoot a 'Red LED' fault on this power module?
    • ⤷ Does this module support the PMBus 1.2 communication protocol?