전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME53ZAA-R

  • AI
    The **ME53ZAA-R** is an alphanumeric 16-segment liquid crystal display (LCD) glass panel. It is primarily used in industrial equipment, medical devices, and instrumentation where low power consumption and high readability are required. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. General Specifications The ME53ZAA-R is a "glass-only" component, meaning it typically requires an external driver IC and an electrical connection method (like a zebra strip or heat seal) to function. | Parameter | Specification | | :--- | :--- | | **Display Type** | Alphanumeric (16-Segment) | | **Technology** | Twisted Nematic (TN) or Fluid Type Dependent | | **Number of Digits** | Typically 8 Digits (varies by sub-revision) | | **Operating Voltage** | 3.0V to 5.0V (Standard) | | **Connection Type** | Pin-out or Zebra Strip (Conductive Rubber) | | **Viewing Angle** | 6:00 or 12:00 (Directional) | --- ### 2. Segment Structure Unlike standard 7-segment displays (which only show numbers), the **16-segment** architecture of the ME53ZAA-R allows for: * **Full Alphabet:** Proper rendering of letters (A-Z). * **Numeric Data:** Clearer 0-9 digits. * **Special Characters:** Symbols like `*`, `+`, and `%`. ### 3. Electronic Driving Characteristics As a passive LCD, the electronic operation involves the following: * **Static vs. Multiplex Drive:** These displays are usually driven at a 1/4 duty cycle or 1/8 duty cycle depending on the specific controller used (e.g., PCF8576 or similar LCD drivers). * **Low Power Consumption:** In standard operating conditions, the current draw is in the micro-ampere ($\mu A$) range, making it ideal for battery-powered handheld devices. * **Contrast Control:** The contrast is adjusted by varying the $V_{LCD}$ (bias voltage) relative to the ground. --- ### 4. Pinout and Interface The "R" suffix often denotes a specific pin configuration or reflective backing. | Component | Function | | :--- | :--- | | **Backplane (COM)** | Common electrodes that provide the base frequency for the segments. | | **Segments (SEG)** | Individual pins that activate specific parts of the alphanumeric character. | | **Polarizer** | Reflective (uses ambient light) or Transflective (can be used with a backlight). | --- ### 5. Common Applications * **Handheld Multimeters:** For displaying units (mV, kHz, etc.) alongside numbers. * **Industrial Timers:** Where text prompts are necessary. * **Medical Monitors:** Low-power heart rate or oxygen level displays.
    ✨ Follow-up Questions
    • ⤷ What is the pin count for the ME53ZAA-R version?
    • ⤷ Which LCD driver IC is recommended for 16-segment displays?
    • ⤷ Is the ME53ZAA-R compatible with reflective backlighting?