전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME58XAX-R

  • AI
    The **ME58XAX-R** is an industrial-grade **Solid State Relay (SSR)** manufactured by **Magnecraft (Schneider Electric)**. It is designed for high-reliability switching of AC loads using an optical isolation interface between the control circuit and the load circuit. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the ME58XAX-R: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Switching Type** | Zero-Crossing (Reduces EMI/RFI) | | **Control Voltage (Input)** | 90 - 280 VAC | | **Load Voltage (Output)** | 48 - 600 VAC | | **Load Current (Max)** | 10 Amperes | | **Output Device** | SCR (Silicon Controlled Rectifier) | | **Isolation Voltage** | 4000 Vrms | | **Mounting Type** | Panel Mount | --- ## 2. Internal Electronic Components The internal architecture of the ME58XAX-R consists of several critical stages: ### A. Input Stage (Control) * **Optocoupler:** Provides 4kV electrical isolation. It converts the 90-280V AC input signal into an infrared light pulse to trigger the output. * **Current Limiting Resistor:** Prevents the internal LED of the optocoupler from burning out under high control voltages. ### B. Logic & Triggering * **Zero-Crossing Circuit:** This is a crucial internal circuit that ensures the relay only turns "ON" when the AC load voltage is near zero volts. This prevents massive current spikes (inrush) and reduces electrical noise. ### C. Output Stage (Power) * **Back-to-Back SCRs:** High-power Silicon Controlled Rectifiers manage the 600VAC load. SCRs are preferred over Triacs in industrial settings because they handle heat and high voltage transients more effectively. * **Snubber Network:** An internal RC (Resistor-Capacitor) circuit that protects the SCRs from "dV/dt" spikes (sudden voltage increases) that could cause false triggering. --- ## 3. Key Advantages 1. **Silent Operation:** Since there are no moving mechanical contacts (unlike EMRs), it operates silently. 2. **Long Life Cycle:** No mechanical wear or contact arcing, allowing for millions of switching cycles. 3. **High Voltage Tolerance:** Rated for up to 600V, making it suitable for heavy 3-phase industrial motors or heaters (when used in appropriate configurations). --- ## 4. Connection Diagram (General) ```text Control Input (90-280VAC) Load Output (48-600VAC) [ Terminal 3 ] (+) -------------- [ Terminal 1 ] (Line) [ Terminal 4 ] (-) -------------- [ Terminal 2 ] (Load) ```
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the ME58XAX-R at maximum current?
    • ⤷ Can this relay be used for DC load switching?
    • ⤷ How does the zero-crossing feature affect inductive loads like motors?