전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME61XAX-R

  • AI
    The **ME61XAX-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like **Magnecraft (now part of Schneider Electric)** or compatible industrial electronics providers. These relays are designed for high-density power switching in control systems, automation, and industrial equipment. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic and physical specifications for the ME61XAX-R series: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | SPST-NO (1 Form A) | | **Coil Voltage** | Typically 12VDC or 24VDC (Check suffix for exact rating) | | **Switching Current** | Up to 20A or 30A (Intermediate Power) | | **Mounting Style** | PCB Mount / Through-hole | | **Contact Material** | Silver Alloy (often AgSnO2 for arc resistance) | | **Terminal Type** | Solder Terminals | | **Enclosure** | Sealed / Flux Tight (R-type often indicates "Resistant" or Sealed) | --- ### 2. Key Components & Construction The "electronic parts" within this mechanical relay consist of three main functional blocks: #### A. The Electromagnetic Coil * **The Coil:** A copper wire winding around an iron core. When energized, it creates a magnetic field. * **Sensitivity:** These relays are designed to trigger at low power (DC) to switch much larger AC or DC loads. #### B. The Contact System * **Stationary & Movable Contacts:** These are the points that physically touch to complete the circuit. * **Arc Suppression:** Because it handles "Intermediate Power," the gap and material are engineered to minimize electrical arcing, which prevents the contacts from welding together. #### C. The Mechanical Housing * **Armature/Spring:** Returns the contact to the "Open" position once the coil is de-energized. * **Sealed Case:** The "R" in the part number often signifies a **Sealed** or **Wash-tight** construction, protecting the internal electronics from dust, oxidation, and flux during the soldering process. --- ### 3. Application Use Cases The ME61XAX-R is commonly found in the following environments: 1. **HVAC Systems:** Controlling fans or small compressors. 2. **Industrial Controls:** Acting as an interface between a low-power PLC output and a high-power motor or heater. 3. **Automotive Electronics:** Heavy-duty switching for lighting or auxiliary power. 4. **Power Supplies:** Used in inrush current limiting circuits. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **ME:** Series designation (Miniature/Intermediate). * **61:** Physical size or contact rating code. * **XAX:** Contact arrangement (Single Pole, Single Throw, Normally Open). * **R:** Environmental protection (Sealed/Resistant).
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the ME61XAX-R version you are using?
    • ⤷ Are you looking for a pin-compatible replacement for this relay?
    • ⤷ Does your application require switching an inductive or resistive load?