전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME62XBD-R

  • AI
    The **ME62XBD-R** typically refers to a high-precision, low-dropout (LDO) linear voltage regulator series, commonly manufactured by Nanjing Micro One Electronics (Microne). These components are designed for battery-powered systems and portable electronics where low power consumption and stability are critical. Below is a breakdown of the electronic characteristics and specifications for this part. --- ## 1. Technical Specifications The "ME62" series generally features the following electrical parameters: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Input Voltage Range** | 2.0 to 6.5 | V | | **Output Voltage Range** | 1.2 to 5.0 (Fixed) | V | | **Quiescent Current** | ~1.0 to 3.0 | µA | | **Max Output Current** | 300 to 500 | mA | | **Dropout Voltage** | ~100 @ 100mA | mV | | **Operating Temperature** | -40 to +85 | °C | --- ## 2. Part Number Breakdown (Nomenclature) The suffix **XBD-R** provides specific information regarding the packaging and output: * **ME62:** Series identifier (High Speed / Low Noise LDO). * **X:** Placeholder for internal circuitry variations (e.g., Enable pin presence). * **B:** Denotes the accuracy/tolerance (usually ±2% or better). * **D:** Often refers to the package type (commonly **SOT-23-5** or **SOT-89**). * **R:** Indicates "Tape and Reel" packaging for automated assembly. --- ## 3. Key Features ### A. Low Power Consumption The ultra-low quiescent current makes it ideal for devices that remain in "Sleep" or "Standby" mode for long periods, extending battery life significantly. ### B. Low Dropout (LDO) It can maintain a stable output voltage even when the input voltage is only slightly higher than the output (e.g., regulating a 3.3V output from a 3.5V battery). ### C. Built-in Protection * **Current Limit:** Protects the IC during short circuits or excessive loads. * **Thermal Shutdown:** Automatically turns off the regulator if the junction temperature exceeds safe limits. --- ## 4. Typical Application Circuit The ME62 series usually requires only two external capacitors to operate effectively. ```c Input Voltage (Vin) ----[Cin: 1uF]----| ME62XBD-R |----[Cout: 1uF]---- Output Voltage (Vout) | GND | --------------- | GND ``` --- ## 5. Applications * **Mobile Phones:** Powering internal logic circuits. * **IoT Devices:** Battery-operated sensors using ESP32 or nRF52 chips. * **Wearables:** Smartwatches and fitness trackers. * **Reference Voltages:** Providing stable voltage for ADCs and DACs.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the ME62XBD-R variant you are using?
    • ⤷ Does this specific model include an Enable (EN) pin for power management?
    • ⤷ How does the ME62 series compare to the XC6206 series in terms of noise performance?