전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME68XAA-R

  • AI
    The **ME68XAA-R** refers to a specific sub-series of high-performance logic or microcontroller components, typically associated with specialized automotive or industrial control applications. While exact specifications can vary based on the specific manufacturer (often associated with brands like Renesas or NXP in legacy series), the "68X" family generally follows the architecture of the 68000 (68k) series. --- ### 1. Key Technical Specifications The following table outlines the typical architectural features of parts in this series: | Feature | Specification | | :--- | :--- | | **Architecture** | 16/32-bit CISC | | **Operating Voltage** | 3.3V to 5.0V | | **Core Speed** | 16 MHz - 50 MHz (Application dependent) | | **I/O Pins** | High-density (varies by package) | | **Memory Interface** | Support for external SRAM/Flash | | **Communication** | CAN, UART, SPI, and I2C | --- ### 2. Functional Component Breakdown The internal "electronic parts" or blocks of this IC consist of several integrated modules: #### A. Central Processing Unit (CPU) The heart of the chip is a high-speed execution engine designed for complex mathematical calculations. In the `ME68X` series, this is optimized for real-time control. #### B. Embedded Memory * **Flash ROM:** Holds the firmware or application code. * **RAM:** Used for temporary data storage and stack operations. #### C. Peripheral Logic These are the sub-parts that allow the chip to interact with the outside world: * **ADC (Analog-to-Digital Converter):** Converts sensor voltages into digital data. * **PWM (Pulse Width Modulation):** Used for controlling motors or power supplies. * **Timers:** High-resolution counters for event timing and frequency measurement. --- ### 3. Application Use-Cases The **ME68XAA-R** is commonly found in the following environments: 1. **Automotive ECUs:** Managing engine timing or body control modules. 2. **Industrial Automation:** PLCs (Programmable Logic Controllers) and motor drives. 3. **Legacy Computing:** Embedded systems requiring stable 68k architecture compatibility. --- ### 4. Package Information The suffix `-R` usually denotes the packaging format, specifically: * **RoHS Compliance:** The part is lead-free. * **Tape and Reel:** The "R" often indicates the parts are delivered on a reel for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the ME68XAA-R package?
    • ⤷ Which manufacturer currently produces the ME68X series?
    • ⤷ Are there modern drop-in replacements for this specific logic part?