전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME71XBA-R

  • AI
    The **ME71XBA-R** is an electronic component primarily classified as a **Passive Crystal Oscillator**. These components are critical in electronics for providing a precise and stable clock signal for microprocessors, microcontrollers, and wireless communication modules. Below is a detailed breakdown of its specifications, electronic characteristics, and typical applications. --- ## 1. Technical Specifications The "ME" series generally refers to Miniature Surface Mount Device (SMD) crystals. While specific tolerances can vary by manufacturer (often associated with brands like *Micro Crystal* or *Mercury*), the standard parameters for this series are as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal (Resonator) | | **Package Type** | SMD (Surface Mount Device) | | **Frequency Range** | Usually 32.768 kHz or MHz range (depends on exact sub-code) | | **Load Capacitance ($C_L$)** | 7pF to 12.5pF | | **Frequency Tolerance** | ±10 ppm to ±50 ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Size** | Compact (e.g., 3.2 x 2.5 mm or 2.0 x 1.6 mm) | --- ## 2. Electronic Internal Structure The ME71XBA-R operates based on the **Piezoelectric Effect**. * **Quartz Blank:** Inside the hermetically sealed ceramic package is a precision-cut quartz wafer. * **Electrodes:** Metal layers deposited on the quartz that allow electrical connection. * **Oscillation:** When an oscillating electric field is applied, the crystal vibrates at its resonant frequency, acting as a high-Q filter or frequency stabilizer. --- ## 3. Circuit Implementation In a typical electronic circuit, the ME71XBA-R is used in a **Pierce Oscillator** configuration. ```mermaid graph LR A[MCU OSC_IN] --- B(C1 Capacitor) B --- C[GND] A --- D[ME71XBA-R Crystal] D --- E[MCU OSC_OUT] E --- F(C2 Capacitor) F --- C ``` ### Key Circuit Design Rules: 1. **Load Capacitors:** Must match the crystal's specified $C_L$ for frequency accuracy. 2. **Trace Length:** Keep traces between the crystal and the IC as short as possible to minimize EMI (Electromagnetic Interference). 3. **Ground Plane:** Place a solid ground plane under the crystal to shield against noise. --- ## 4. Common Applications Due to its small footprint and high stability, this part is commonly found in: * **Wearables:** Smartwatches and fitness trackers requiring low-power timekeeping. * **IoT Devices:** Providing the heartbeat for wireless modules (LoRa, Zigbee, BLE). * **Automotive Electronics:** Used in infotainment systems or body control modules. * **PC Peripherals:** Keyboards, mice, and USB controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the ME71XBA-R package?
    • ⤷ How do I calculate the correct load capacitors for this crystal?
    • ⤷ What is the difference between this passive crystal and an active oscillator?