전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME74XBX-R

  • AI
    The **ME74XBX-R** is a specific type of **Miniature Power Relay** manufactured by Magnecraft (now a brand under Schneider Electric). These relays are widely used in industrial automation, control panels, and HVAC systems due to their compact size and high switching capacity. --- ## 1. Core Component Breakdown The ME74XBX-R consists of several internal electronic and mechanical parts that allow it to function as an electrically operated switch. ### Key Internal Parts | Component | Description | Function | | :--- | :--- | :--- | | **Coil** | A winding of copper wire around an iron core. | Creates an electromagnetic field when energized. | | **Armature** | A moving metal lever. | Attracted by the magnetic field to open/close contacts. | | **Contacts** | Silver alloy conductive points (DPDT). | The actual "switch" that carries the load current. | | **Spring** | Tension mechanism. | Returns the armature to its original position when power is cut. | | **Base/Pins** | Plug-in terminals. | Provides the interface to a socket or PCB. | --- ## 2. Technical Specifications Understanding the "ME74XBX-R" part number reveals its electrical capabilities: * **Contact Configuration:** **DPDT** (Double Pole Double Throw). It can control two separate circuits simultaneously. * **Mounting Style:** Plug-in (compatible with 70-782D8-1 or similar sockets). * **Contact Rating:** Typically rated for **10 Amps** to **15 Amps** at 120/240VAC. * **Indicator:** The "-R" suffix often indicates a **Full Feature** version, which typically includes a mechanical flag indicator and/or an LED to show when the coil is active. --- ## 3. Circuit Symbol and Operation The relay operates on the principle of isolation: the control circuit (low power) is electrically separated from the load circuit (high power). ### Operation Logic 1. **Input:** Voltage is applied to the coil (Terminals 13 & 14 usually). 2. **Induction:** The coil creates a magnetic field. 3. **Mechanical Action:** The armature is pulled toward the coil. 4. **Switching:** The "Normally Closed" (NC) contacts open, and the "Normally Open" (NO) contacts close. --- ## 4. Common Applications * **Motor Control:** Starting small fractional horsepower motors. * **Logic Isolation:** Interfacing a PLC (Programmable Logic Controller) with high-voltage machinery. * **Lighting Systems:** Controlling large banks of industrial lights. * **Heating Elements:** Switching resistive loads in ovens or climate control units.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for the ME74XBX-R model you are using?
    • ⤷ How do I test if the contacts on this relay have failed?
    • ⤷ What are the compatible socket types for 700 series miniature relays?