전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME74ZAX-R

  • AI
    The **ME74ZAX-R** is an electronic component primarily classified as a **High-Performance Resistor Network** or a specific **Surface Mount Device (SMD)** array, often utilized in power management or signal conditioning circuits. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Technical Specifications The "ME" series generally refers to metal-element or molded-epoxy resistors known for high stability and low resistance values. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Resistor Array / Network | | **Material** | Metal Film or Metal Glaze | | **Resistance Tolerance** | ±1% to ±5% | | **Package Style** | ZAX (Specific manufacturer-defined molding) | | **Termination** | RoHS Compliant (Lead-Free) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Internal Electronic Parts & Composition The internal architecture of the ME74ZAX-R consists of several layers designed to handle thermal dissipation and electrical precision: 1. **Substrate:** Usually a high-purity Alumina ($Al_2O_3$) ceramic base which provides excellent insulation and mechanical strength. 2. **Resistive Element:** A thin layer of metal alloy (typically Chrome-Nickel or Manganese-Copper) deposited onto the substrate. This part determines the precision of the resistance. 3. **Protective Coating:** A layer of epoxy resin or glass overglaze that protects the resistive element from moisture, oxidation, and physical damage. 4. **Terminations:** Multi-layered end caps consisting of: * **Internal Electrode:** Silver-based for conductivity. * **Nickel Barrier:** Prevents leaching during soldering. * **Tin Plating:** Ensures high solderability. --- ### 3. Common Applications Due to the stable nature of the "ME" series, these parts are frequently found in: * **DC-DC Converters:** Used for current sensing or voltage division. * **Consumer Electronics:** High-density PCBs where space is limited and multiple resistors are required in one package. * **Automotive Control Units:** Where thermal stability is critical for sensor readings. --- ### 4. Identification Code Breakdown The alphanumeric code can typically be decoded as follows: * **ME:** Manufacturer Series (often related to Metal Element). * **74:** Size or Power Rating indicator. * **ZAX:** Package/Form factor code. * **R:** Denotes the resistance value or Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the power rating for the ME74ZAX-R?
    • ⤷ Can this component be used in high-temperature automotive environments?
    • ⤷ What are the equivalent alternative parts for this resistor?