전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME76XAA-R

  • AI
    The **ME76XAA-R** (often associated with manufacturers like Mercury Systems or specific military/industrial RF component suppliers) typically refers to a high-performance **RF/Microwave Filter** or a **Multi-Channel Digitizer/Receiver module** depending on the specific series. Below is a breakdown of the electronic characteristics and structural components typically found in this class of component. --- ### 1. General Specifications These parts are engineered for high-frequency signal processing, often utilized in aerospace, defense, and telecommunications. | Feature | Description | | :--- | :--- | | **Component Type** | RF Filter / Integrated Microwave Assembly (IMA) | | **Interface** | Surface Mount (SMT) or Connectorized (depending on suffix) | | **Impedance** | Typically 50 Ohms (standard RF normalization) | | **Operating Temp** | -40°C to +85°C (Industrial/Military Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Internal Parts The ME76XAA-R is not a single transistor but a complex assembly. Its internal architecture generally includes: #### A. Dielectric Resonators * **Function:** High-Q components used to define the passband frequencies. * **Material:** Often ceramic or specialized metallic oxides to ensure low insertion loss. #### B. Thin-Film Substrates * **Function:** Provides the conductive pathways for RF signals. * **Detail:** Uses gold or silver plating to minimize "Skin Effect" losses at gigahertz frequencies. #### C. Passives (SMD Components) * **Capacitors:** High-precision, low-ESR (Equivalent Series Resistance) capacitors for DC blocking and tuning. * **Resistors:** Precision thin-film resistors for impedance matching and termination. --- ### 3. Functional Blocks The electronic behavior of the part can be summarized in the following table: | Block | Purpose | | :--- | :--- | | **Input Port** | Receives the broadband RF signal; protected against ESD. | | **Filter Network** | Rejects unwanted frequencies (out-of-band) while allowing the desired signal through. | | **Shielding** | An internal Faraday cage structure to prevent EMI (Electromagnetic Interference). | | **Output Port** | Delivers the "cleaned" signal to the next stage (Mixer or LNA). | --- ### 4. Typical Applications * **Electronic Warfare (EW):** Used for signal isolation. * **Satellite Communications:** Frequency up/down conversion filtering. * **Radar Systems:** Pulse shaping and noise reduction. --- ### 5. Part Number Breakdown (General Convention) While specific to the manufacturer, the code usually breaks down as follows: * **ME:** Series designation (Microwave Electronics). * **76X:** Frequency range or internal configuration code. * **AA:** Revision or specific electrical tolerance level. * **-R:** **RoHS Compliant** (Lead-free construction).
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range (GHz) supported by the ME76XAA-R?
    • ⤷ Can this component be used in space-grade applications?
    • ⤷ What are the mounting requirements for the SMT version of this part?