전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ME78XBX-R

  • AI
    The **ME78XBX-R** is an Electromechanical Plug-in Relay manufactured by **Magnecraft (Schneider Electric)**. It is part of the 78 series, designed for general-purpose switching applications in industrial environments. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and physical characteristics of the ME78XBX-R: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | DPDT (2 Form C) | | **Contact Rating (Resistive)** | 20 Amps @ 120/240 VAC | | **Coil Voltage** | 120 VAC (standard for this series) | | **Mounting Style** | Plug-in (compatible with 70-782D8-1 socket) | | **Actuator Type** | Standard Mechanical | | **Contact Material** | Silver Alloy | | **Features** | Mechanical Flag Indicator / Full Feature Cover | --- ### 2. Functional Components The relay consists of several critical electronic and mechanical parts: * **Coil Assembly:** An electromagnetic coil that creates a magnetic field when energized by 120V AC. This field pulls the armature toward the core. * **DPDT Contacts (Double Pole Double Throw):** This means the relay has two separate circuits (poles) and each circuit can switch between two paths (throw). * **Flag Indicator:** A mechanical visual aid that shows whether the relay is currently energized or de-energized. * **Terminals:** Usually blade-style pins designed for high-current transfer without overheating. --- ### 3. Application Use Cases Because of its high 20A rating, the ME78XBX-R is typically used in the following scenarios: 1. **Motor Control:** Small motors used in HVAC or industrial fans. 2. **Lighting Systems:** Controlling large banks of high-intensity discharge (HID) or LED lighting. 3. **Heater Control:** Switching resistive heating elements in industrial ovens. 4. **Automation Logic:** Acting as an interface between low-power control signals and high-power loads. --- ### 4. Wiring Diagram Representation The internal logic of a DPDT relay like the ME78XBX-R is represented as follows: ```text Pole 1 Pole 2 (Common 1) (Common 2) / \ / \ NC1 NO1 NC2 NO2 (Normally (Normally Closed) Open) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between DPDT and SPDT relays?
    • ⤷ Which socket is recommended for mounting the ME78XBX-R?
    • ⤷ What are the advantages of silver alloy contacts in power relays?