전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH11ZAX-R

  • AI
    The **MEH11ZAX-R** is a specific model of an **Incremental Magnetic Encoder** module, typically manufactured by **Broadcom (Avago Technologies)**. It belongs to the AEAT-6600 or similar high-resolution magnetic encoder series designed for robust motion control. --- ## Technical Overview The MEH11ZAX-R is an integrated solution that converts the angular position of a rotating magnet into digital signals. Unlike optical encoders, it uses **Hall-effect sensors** to detect changes in the magnetic field. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Technology** | Magnetic (Contactless) | | **Output Type** | Incremental (A, B, and Index Z) | | **Resolution** | Typically up to 10-12 bits (1024 - 4096 CPR) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Package/Form Factor** | Compact Module / Surface Mount (SMD) | | **Communication** | Digital Quadrature (TTL compatible) | --- ## Main Electronic Components The "parts" within this specific module consist of several integrated sub-systems: ### 1. Hall-Effect Sensor Array * **Function:** This is the core "eye" of the chip. It consists of multiple Hall elements arranged in a circular pattern. * **Operation:** As a diametrically magnetized magnet rotates above the chip, these sensors detect the changing sine and cosine magnetic fields. ### 2. Signal Processing ASIC * **Analog-to-Digital Converter (ADC):** Converts the weak analog voltage from the Hall sensors into digital data. * **Interpolation Engine:** An internal processor that calculates the precise angle based on the sine/cosine inputs. This allows the chip to achieve high resolution even at low speeds. ### 3. Output Drivers * **Quadrature Channels (A & B):** Two square wave signals offset by 90 degrees. These tell the controller the direction and speed of rotation. * **Index Channel (Z):** Provides a single pulse per full 360-degree revolution, used as a reference point or "home" position. --- ## Benefits of Magnetic Encoding * **Durability:** Since there is no physical contact and no optical disk to get dirty, it is highly resistant to dust, oil, and moisture. * **Size:** Extremely small footprint compared to traditional glass-disk encoders. * **Reliability:** Not susceptible to LED aging, which is a common failure point in optical encoders. --- ## Application Circuitry When integrating the MEH11ZAX-R, you typically need the following external components: ```c // Typical Pinout Configuration 1. VCC (Power Supply) 2. GND (Ground) 3. A (Incremental Output A) 4. B (Incremental Output B) 5. Z (Index Pulse) 6. PROG (Programming Pin - for factory alignment) ``` *Note: It is crucial to use a decoupling capacitor (usually 0.1µF) close to the VCC pin to filter out electrical noise from the motor.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MEH11ZAX-R encoder?
    • ⤷ How do you align the magnet correctly over the sensor for optimal signal strength?
    • ⤷ Can this encoder provide absolute position data via SSI or PWM?