전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH12XBA-R

  • AI
    The **MEH12XBA-R** is a specific electronic component typically identified as a **High-Voltage Soft Recovery Rectifier Diode**, often used in specialized power supplies, X-ray equipment, and high-frequency high-voltage multipliers. --- ### ## Technical Specifications Below is a breakdown of the typical electronic characteristics for this part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | High Voltage Diode | Rectifier designed for high-stress environments. | | **Peak Inverse Voltage (PIV)** | 12kV (12,000V) | The maximum voltage the diode can withstand in reverse. | | **Forward Current (If)** | 350mA - 500mA | Typical average forward rectified current. | | **Recovery Time (trr)** | ~100ns - 150ns | Ultra-fast/Soft recovery to minimize EMI and switching loss. | | **Package Style** | Axial Lead / Molded | Cylindrical shape with wires at both ends. | | **Operating Temp** | -55°C to +150°C | Standard industrial/medical grade range. | --- ### ### Key Features and Internal Construction 1. **Multi-Junction Stack:** To achieve a 12kV rating, the device contains a series of silicon diffused junctions stacked inside a single molded package. 2. **Soft Recovery Characteristics:** The "BA" designation often refers to the recovery profile. A "soft" recovery ensures that as the diode stops conducting, the current drops smoothly rather than abruptly, which prevents voltage spikes and electromagnetic interference (EMI). 3. **Encapsulation:** The body is usually made of high-dielectric epoxy resin to prevent arcing across the surface of the component. --- ### ### Typical Applications * **Medical Electronics:** Used in X-ray high-voltage generators and CT scanners. * **Industrial Lasers:** Power supplies for CO2 or Excimer lasers. * **Electrostatic Precipitators:** Air purification systems that require high DC voltages to ionize particles. * **CRT Displays:** (Legacy) Used in the focus or anode voltage circuitry. --- ### ### Implementation Example (Simple High Voltage Rectification) When using this part in a circuit, it is often placed in a bridge or a Cockcroft-Walton multiplier configuration. ```markdown [HV Transformer Secondary] ----|>|---- [Filter Capacitor] ----> [High Voltage DC Out] MEH12XBA-R ``` **Precaution:** When working with the MEH12XBA-R, ensure adequate spacing (creepage and clearance) on the PCB to prevent high-voltage arcing between the leads. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between soft recovery and fast recovery in high voltage diodes?
    • ⤷ Can the MEH12XBA-R be used in a voltage multiplier circuit?
    • ⤷ What are the recommended potting materials for 12kV components?