전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH12ZBX-R

  • AI
    The **MEH12ZBX-R** is a specific electronic component, typically categorized as a **High-Voltage Rectifier Diode** or a **Fast Recovery Diode**, often used in specialized power supplies, microwave ovens, or high-voltage industrial equipment. --- ### 1. Key Technical Specifications Based on the standard parameters for the MEH series of high-voltage diodes, here are the general electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Part Number** | MEH12ZBX-R | High Voltage Silicon Rectifier | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 12kV (12,000V) | The maximum voltage the diode can withstand in reverse bias. | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA | The maximum continuous current the diode can handle. | | **Forward Voltage Drop ($V_F$)** | ~10V to 14V | The voltage lost across the diode when conducting. | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery | Optimized to switch off quickly to prevent power loss. | | **Operating Temperature** | -40°C to +125°C | Thermal operating range. | --- ### 2. Functional Description The MEH12ZBX-R performs two primary functions within an electronic circuit: 1. **Rectification:** It converts high-voltage alternating current (AC) into direct current (DC). Due to its 12kV rating, it is designed for secondary stages of step-up transformers. 2. **Protection:** It acts as a one-way valve, preventing high-voltage back-feed that could damage sensitive control electronics or capacitors. --- ### 3. Physical & Internal Construction * **Encapsulation:** Usually molded in a high-dielectric epoxy resin to prevent arcing (electrical jumping) between terminals at high voltages. * **Construction:** It consists of multiple silicon junctions stacked in series internally to achieve the 12kV breakdown threshold. * **Suffix "-R":** Often denotes **RoHS Compliance** (lead-free) or a specific **Reel/Packaging** style depending on the manufacturer (commonly *Origin* or *HVCA*). --- ### 4. Common Applications * **Microwave Power Supplies:** Used in the voltage doubler circuit to provide high voltage to the Magnetron. * **X-Ray Machines:** Managing the high-tension (HT) power needed for medical imaging. * **Laser Power Supplies:** Providing the strike voltage for gas lasers. * **Air Purifiers:** Used in electrostatic precipitators to charge dust particles. --- ### 5. Testing the Component Because the forward voltage drop ($V_F$) is very high (over 10V), **a standard multimeter "Diode Test" mode will usually show an "Open Circuit" (OL)** even if the diode is good. To test this part: 1. Use a 12V or 24V DC power source. 2. Place a resistor in series to limit current. 3. Measure the voltage drop across the diode while it is forward-biased.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 12kV rating in a microwave circuit?
    • ⤷ How do I test a high-voltage diode if my multimeter cannot read it?
    • ⤷ Are there equivalent replacement parts for the MEH12ZBX-R?