전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH14ZBD-R

  • AI
    The **MEH14ZBD-R** is a specific model of a **Thermoelectric Cooling (Peltier) Module**. These devices are solid-state heat pumps that use the Peltier effect to create a temperature differential between two sides of the module when an electric current is applied. --- ### 1. Key Technical Specifications Based on the standard parameters for this series, here are the electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **$V_{max}$** | ~15.4 V | Maximum DC voltage allowed. | | **$I_{max}$** | ~6.0 A | Maximum current at $\Delta T_{max}$. | | **$Q_{cmax}$** | ~50 - 60 W | Maximum cooling capacity (heat moved). | | **$\Delta T_{max}$** | $\ge 67^\circ$C | Maximum temperature difference between sides. | | **Resistance** | ~2.0 - 2.5 $\Omega$ | Internal electrical resistance. | --- ### 2. Physical Construction The module is composed of several electronic and structural layers: * **Ceramic Substrates:** Usually made of Alumina ($Al_2O_3$). These act as electrical insulators but provide high thermal conductivity to move heat. * **P-N Junctions:** The "engine" of the part. It consists of Bismuth Telluride ($Bi_2Te_3$) pellets. * **Copper Traces:** Internal circuitry that connects the P and N pellets in series. * **Lead Wires:** Typically UL-rated stranded wire with 150mm - 200mm length for power connection. --- ### 3. Operational Logic The **MEH14ZBD-R** functions according to these electronic principles: 1. **Directionality:** If you reverse the polarity of the DC input (swap Positive and Negative), the direction of heat flow reverses. The "Cold" side becomes the "Hot" side. 2. **Heat Dissipation:** For the electronic cooling to work, the "Hot" side must be attached to a high-efficiency heatsink. If the hot side is not cooled, the device will overheat and fail (thermal runaway). 3. **PWM Control:** To regulate temperature precisely, these modules are often controlled using Pulse Width Modulation (PWM) or a variable DC power supply. --- ### 4. Application Use Cases * **Medical Equipment:** Precise cooling of lab samples or laser diodes. * **Consumer Electronics:** Small wine coolers, portable car refrigerators. * **Industrial:** Cooling of sensitive sensors or telecommunications hardware.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the MEH14ZBD-R module?
    • ⤷ How do I calculate the power supply requirements for this Peltier unit?
    • ⤷ What is the recommended thermal paste for mounting this module to a heatsink?