전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH28XAA-R

  • AI
    Based on your request, here is the technical breakdown of the **MEH28XAA-R**. This part number typically refers to a specialized **DC Brushless Fan Motor** or a related fan assembly component often used in HVAC systems (specifically units manufactured by brands like Mitsubishi Electric or Daikin). --- ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics associated with this specific series of motors: | Parameter | Specifications (Typical) | | :--- | :--- | | **Motor Type** | DC Brushless (BLDC) | | **Voltage Range** | 280V - 340V DC | | **Drive Method** | Integrated Inverter / PWM Control | | **Input Power** | ~20W - 45W (Varies by load) | | **Speed Feedback** | Pulse Sensor (FG Output) | | **Rotation** | Counter-Clockwise (CCW) / Clockwise (CW) depending on suffix | --- ### 2. Internal Electronic Components The "Electronic" aspect of this part is complex because it contains an internal PCB (Printed Circuit Board) rather than just copper windings. Key components include: * **Integrated Power Module (IPM):** Converts the high-voltage DC input into three-phase AC to drive the internal stator. * **Hall Effect Sensors:** Used for rotor position detection to ensure smooth startup and precise speed control. * **Protection Circuitry:** * **Thermal Cutoff:** Prevents the motor from burning out if the bearings seize. * **Over-Current Protection:** Shuts down the drive logic if current spikes occur. * **Control Interface:** Usually a 5-wire or 6-wire connector: 1. **Vdc:** High voltage (approx. 310V). 2. **Vcc:** Logic power (approx. 15V). 3. **Vsp:** Speed control signal (0-5V DC). 4. **FG:** Feedback (Frequency Generator) signal. 5. **GND:** Signal/Power Ground. --- ### 3. Common Failure Points Since this is an electronic motor, failures are often not mechanical. Common issues include: 1. **Capacitor Failure:** Drying out of electrolytic capacitors on the internal driver board due to heat. 2. **Inverter Breakdown:** The internal switching transistors (IGBTs) shorting out, preventing the fan from spinning even if power is present. 3. **Signal Noise:** Interference on the `Vsp` line causing erratic speeds. ### 4. Comparison to Standard AC Motors | Feature | MEH28XAA-R (BLDC) | Standard AC Motor | | :--- | :--- | :--- | | **Efficiency** | High (90%+) | Moderate (60-70%) | | **Speed Control** | Stepless / Variable | Fixed or multi-tap | | **Repairability** | Low (Sealed Electronics) | High (Replace Capacitors) | ---
    ✨ Follow-up Questions
    • ⤷ How do I test the voltage on a 5-wire MEH28XAA-R motor connector?
    • ⤷ What are the specific HVAC models that use this motor part?
    • ⤷ Can I replace an MEH28XAA-R with a standard AC fan motor?