전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MEH28XBX-R

  • AI
    The **MEH28XBX-R** is a specific model of a **Miniature High-Voltage Power Supply** (often referred to as a DC-to-DC converter module). These components are primarily used to provide precision high voltage for sensitive scientific and industrial equipment. --- ### 1. Key Technical Specifications The "MEH" series is typically manufactured by specialists like *UltraVolt* (an Advanced Energy company). Below are the general specifications for this part number: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 24VDC to 28VDC | | **Output Voltage** | 0 to 2800V (2.8kV) | | **Output Power** | Varies (often 4W to 20W depending on specific sub-series) | | **Polarity** | Determined by the "P" or "N" (XBX-R models are often fixed) | | **Mounting Type** | PCB Mount / Through-hole | | **Regulation** | Low ripple and high stability | --- ### 2. Internal Electronic Architecture To achieve thousands of volts from a small 28V input, the module contains several critical electronic stages: #### A. Input Filtering and Protection * **Decoupling Capacitors:** Stabilize the input DC rail. * **Reverse Polarity Protection:** Prevents damage if the input leads are swapped. #### B. The Oscillator (Inverter) * The DC input is converted into a high-frequency AC signal (usually 50kHz to 100kHz). * Uses **MOSFETs** in a push-pull or resonant topology to drive a specialized high-voltage step-up transformer. #### C. High-Voltage Transformer * A ferrite-core transformer with a very high secondary-to-primary turn ratio. * Encapsulated in epoxy to prevent internal arcing (corona discharge). #### D. Voltage Multiplier (Cockcroft-Walton Circuit) * A network of **High-Voltage Diodes** and **Ceramic Capacitors**. * This stage rectifies the AC from the transformer and "stacks" the voltage to reach the 2.8kV target. #### E. Feedback and Control Loop * **Resistive Divider:** A high-precision, high-impedance resistor string samples the output voltage. * **Error Amplifier:** Compares the sample to a reference voltage and adjusts the oscillator pulse width (PWM) to maintain a steady output regardless of load changes. --- ### 3. Common Applications Due to its precision and compact size, the MEH28XBX-R is found in: 1. **Photomultiplier Tubes (PMT):** Providing the bias voltage for light detection. 2. **Mass Spectrometry:** Powering ion sources or detectors. 3. **Electrostatic Chucks:** Used in semiconductor wafer handling. 4. **Medical Imaging:** Specialized X-ray or ultrasound biasing. --- ### 4. Safety and Handling > [!CAUTION] > **High Voltage Hazard:** This device produces 2,800V. Even when powered off, internal capacitors may hold a lethal charge. Always use a discharge probe before touching the output terminals.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MEH28XBX-R?
    • ⤷ How do I adjust or control the output voltage remotely?
    • ⤷ What are the ripple and noise characteristics of this power supply?